Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706F00A Datasheet(PDF) 41 Page - Epson Company

Part # S1D13706F00A
Description  LCD Controller ICs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706F00A Datasheet(HTML) 41 Page - Epson Company

Back Button S1D13706F00A Datasheet HTML 37Page - Epson Company S1D13706F00A Datasheet HTML 38Page - Epson Company S1D13706F00A Datasheet HTML 39Page - Epson Company S1D13706F00A Datasheet HTML 40Page - Epson Company S1D13706F00A Datasheet HTML 41Page - Epson Company S1D13706F00A Datasheet HTML 42Page - Epson Company S1D13706F00A Datasheet HTML 43Page - Epson Company S1D13706F00A Datasheet HTML 44Page - Epson Company S1D13706F00A Datasheet HTML 45Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 94 page
background image
S1D13305 Series
EPSON
35
Technical Manual
Table 16. Cursor shift direction
8.3.5. OVLAY
Selects layered screen composition and screen text/ graph-
ics mode.
Figure 17. OVLAY parameters
8.3.5.1. MX0, MX1
MX0 and MX1 set the layered screen composition method,
which can be either OR, AND, Exclusive-OR or Priority-
OR. Since the screen composition is organized in layers
and not by screen blocks, when using a layer divided into
two screen blocks, different composition methods cannot
be specified for the individual screen blocks.
The Priority-OR mode is the same as the OR mode unless
flashing of individual screens is used.
C
CD1
CD0
Shift direction
4CH
0
0
Right
4DH
0
1
Left
4EH
1
0
Up
4FH
1
1
Down
Note: Since the cursor moves in address units even if FX
≥ 9,
the cursor address increment must be preset for move-
ment in character units. See Section 9.3.
MSB
LSB
C
0
1
01101
1
P1
0
0
0
OV DM2 DM1 MX1 MX0
Table 17. Composition method selection
MX1
MX0
Function
Composition Method
Applications
0
0
L1
∪ L2 ∪ L3
OR
Underlining, rules, mixed text and graphics
0
1
(L1
⊕ L2) ∪ L3 Exclusive-OR
Inverted characters, flashing regions,
underlining
1
0
(L1
∩ L2) ∪ L3 AND
Simple animation, three-dimensional
1
1
L1 > L2 > L3
Priority-OR
appearance
Notes:
L1: First layer (text or graphics). If text is selected, layer L3 cannot be used.
L2: Second layer (graphics only)
L3: Third layer (graphics only)
INSTRUCTION SET


Similar Part No. - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706 EPSON-S1D13706 Datasheet
1Mb / 152P
   S1D13706 Embedded Memory LCD Controller
More results

Similar Description - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
   LCD Controller ICs
logo
List of Unclassifed Man...
SED1330F ETC-SED1330F Datasheet
388Kb / 148P
   LCD Controller ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
   LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
   LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
   LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
   LCD Controller
logo
Generalplus Technology ...
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
   LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com