Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706F00A Datasheet(PDF) 40 Page - Epson Company

Part # S1D13706F00A
Description  LCD Controller ICs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706F00A Datasheet(HTML) 40 Page - Epson Company

Back Button S1D13706F00A Datasheet HTML 36Page - Epson Company S1D13706F00A Datasheet HTML 37Page - Epson Company S1D13706F00A Datasheet HTML 38Page - Epson Company S1D13706F00A Datasheet HTML 39Page - Epson Company S1D13706F00A Datasheet HTML 40Page - Epson Company S1D13706F00A Datasheet HTML 41Page - Epson Company S1D13706F00A Datasheet HTML 42Page - Epson Company S1D13706F00A Datasheet HTML 43Page - Epson Company S1D13706F00A Datasheet HTML 44Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 94 page
background image
34
EPSON
S1D13305 Series
Technical Manual
8.3.3. CSRFORM
Sets the cursor size and shape. Although the cursor is
normally only used in text displays, it may also be used in
graphics displays when displaying special characters.
Figure 13. CSRFORM parameter bytes
8.3.3.1. CRX
Sets the horizontal size of the cursor from the character
origin. CRX is equal to the cursor size less one. CRX must
be less than or equal to FX.
Table 14. Horizontal cursor size selection
8.3.3.2. CRY
Sets the location of an underscored cursor in lines, from
the character origin. When using a block cursor, CRY sets
the vertical size of the cursor from the character origin.
CRY is equal to the number of lines less one.
Table 15. Cursor height selection
Figure 14. Cursor size and position
8.3.3.3. CM
Sets the cursor shape. Always set CM to 1 when in
graphics mode.
CM = 0: Underscore cursor
CM = 1: Block cursor
8.3.4. CSRDIR
Sets the direction of automatic cursor increment. The
cursor can move left or right one character, or up or down
by the number of bytes specified by the address pitch, AP.
When reading from and writing to display memory, this
automatic cursor increment controls the display memory
address increment on each read or write.
Figure 15. CSRDIR parameters
Figure 16. Cursor direction
MSB
LSB
C
0
1
01110
1
P1
00
00
X3
X2
CRX
X1
X0
P2
CM
0
0
0
Y3
Y2
CRY
Y1
Y0
CRX
[CRX] cursor width
HEX
X3 X2
X1
X0
(pixels)
0
0
000
1
1
0
001
2
↓↓↓
4
0
100
9
↓↓↓
E
1
110
15
F
1
111
16
CRY
[CRY] cursor height
HEX
Y3
Y2
Y1
Y0
(lines)
0
0000
Illegal
1
0001
2
↓↓↓↓
8
1000
9
↓↓↓↓
E
1110
15
F
1111
16
0123456 •
0
1
2
3
4
5
6
7
8
9
Character start point
CRX = 5 dots
CRY = 9 dots
CM = 0
MSB
LSB
C
0
1
0011
CD1 CD2
10
11
00
01
–1
+1
+AP
–AP
INSTRUCTION SET


Similar Part No. - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706 EPSON-S1D13706 Datasheet
1Mb / 152P
   S1D13706 Embedded Memory LCD Controller
More results

Similar Description - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
   LCD Controller ICs
logo
List of Unclassifed Man...
SED1330F ETC-SED1330F Datasheet
388Kb / 148P
   LCD Controller ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
   LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
   LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
   LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
   LCD Controller
logo
Generalplus Technology ...
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
   LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com