Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706F00A Datasheet(PDF) 34 Page - Epson Company

Part # S1D13706F00A
Description  LCD Controller ICs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706F00A Datasheet(HTML) 34 Page - Epson Company

Back Button S1D13706F00A Datasheet HTML 30Page - Epson Company S1D13706F00A Datasheet HTML 31Page - Epson Company S1D13706F00A Datasheet HTML 32Page - Epson Company S1D13706F00A Datasheet HTML 33Page - Epson Company S1D13706F00A Datasheet HTML 34Page - Epson Company S1D13706F00A Datasheet HTML 35Page - Epson Company S1D13706F00A Datasheet HTML 36Page - Epson Company S1D13706F00A Datasheet HTML 37Page - Epson Company S1D13706F00A Datasheet HTML 38Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 94 page
background image
28
EPSON
S1D13305 Series
Technical Manual
8.3. Display Control Commands
8.3.1. DISP ON/OFF
Turns the whole display on or off. The single-byte param-
eter enables and disables the cursor and layered screens,
and sets the cursor and screen flash rates. The cursor can
be set to flash over one character or over a whole line.
Figure 10. DISP ON/OFF parameters
8.3.1.1. D
Turns the display ON or OFF. The D bit takes prece-
dence over the FP bits in the parameter.
D = 0: Display OFF
D = 1: Display ON
8.3.1.2. FC
Enables/disables the cursor and sets the flash rate. The
cursor flashes with a 70% duty cycle (ON/OFF).
Table 9. Cursor flash rate selection
8.3.1.3. FP
Each pair of bits in FP sets the attributes of one screen
block, as follows.
The display attributes are as follows:
Table 10. Screen block attribute selection
Note
If SAD4 is enabled by setting W/S to 1, FP3 and FP2
control both SAD2 and SAD4. The attributes of
SAD2 and SAD4 cannot be set independently.
MSB
LSB
C
0
1
01100D
P1
FP5 FP4 FP3 FP2 FP1 FP0 FC1 FC0
FC1
FC0
Cursor display
0
0
OFF (blank)
0
1
No flashing
10
Flash at fFR/32 Hz
(approx. 2 Hz)
11
Flash at fFR/64 Hz
(approx. 1 Hz)
Note: As the MWRITE command always enables the cursor,
the cursor position can be checked even when perform-
ing consecutive writes to display memory while the
cursor is flashing.
ON
FP1
FP0
First screen block (SAD1)
FP3
FP2
Second screen block (SAD2,
SAD4). See note.
FP5
FP4
Third screen block (SAD3)
0
0
OFF (blank)
0
1
No flashing
10
Flash at fFR/32 Hz
(approx. 2 Hz)
11
Flash at fFR/4 Hz
(approx. 16 Hz)
ON
INSTRUCTION SET


Similar Part No. - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706 EPSON-S1D13706 Datasheet
1Mb / 152P
   S1D13706 Embedded Memory LCD Controller
More results

Similar Description - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
   LCD Controller ICs
logo
List of Unclassifed Man...
SED1330F ETC-SED1330F Datasheet
388Kb / 148P
   LCD Controller ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
   LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
   LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
   LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
   LCD Controller
logo
Generalplus Technology ...
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
   LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com