Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706F00A Datasheet(PDF) 33 Page - Epson Company

Part # S1D13706F00A
Description  LCD Controller ICs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706F00A Datasheet(HTML) 33 Page - Epson Company

Back Button S1D13706F00A Datasheet HTML 29Page - Epson Company S1D13706F00A Datasheet HTML 30Page - Epson Company S1D13706F00A Datasheet HTML 31Page - Epson Company S1D13706F00A Datasheet HTML 32Page - Epson Company S1D13706F00A Datasheet HTML 33Page - Epson Company S1D13706F00A Datasheet HTML 34Page - Epson Company S1D13706F00A Datasheet HTML 35Page - Epson Company S1D13706F00A Datasheet HTML 36Page - Epson Company S1D13706F00A Datasheet HTML 37Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 94 page
background image
S1D13305 Series
EPSON
27
Technical Manual
8.2.1.13. AP
Defines the horizontal address range of the virtual screen.
APL is the least significant byte of the address.
Figure 8. AP and C/R relationship
8.2.2. SLEEP IN
Places the system in standby mode. This command has no
parameter bytes. At least one blank frame after receiving
this command, the S1D13305F halts all internal opera-
tions, including the oscillator, and enters the sleep state.
Figure 7. AP parameters
APL
AP7
AP6
AP5
AP4
AP3
AP2
AP1
AP0
APH
AP15
AP14
AP13
AP12
AP11
AP10
AP9
AP8
Table 8. Horizontal address range
Hex code
[AP] addresses
APH
APL
per line
0000
0
0001
1
↓↓↓↓
0050
80
↓↓↓↓
FFFE
216 – 2
FFFF
216 – 1
Display area
C/R
Display memory limit
AP
Blank data is sent to the X-drivers, and the Y-drivers have
their bias supplies turned off by the YDIS signal. Using
the YDIS signal to disable the Y-drivers guards against
any spurious displays.
The internal registers of the S1D13305 series maintain
their values during the sleep state. The display memory
control pins maintain their logic levels to ensure that the
display memory is not corrupted.
The S1D13305 series can be removed from the sleep state
by sending the SYSTEM SET command with only the P1
parameter. The DISP ON command should be sent next
to enable the display.
Figure 9. SLEEP IN instruction
1. The YDIS signal goes LOW between one and two
frames after the SLEEP IN command is received.
Since YDIS forces all display driver outputs to go to
the deselected output voltage, YDIS can be used as a
power-down signal for the LCD unit. This can be
done by having YDIS turn off the relatively high-
power LCD drive supplies at the same time as it
blanks the display.
2. Since all internal clocks in the S1D13305 series are
halted while in the sleep state, a DC voltage will be
applied to the LCD panel if the LCD drive supplies
remain on.
If reliability is a prime consideration, turn off the
LCD drive supplies before issuing the SLEEP IN
command.
3. Note that, although the bus lines become high imped-
ance in the sleep state, pull-up or pull-down resistors
on the bus will force these lines to a known state.
MSB
LSB
C
0
1
01001
1
INSTRUCTION SET


Similar Part No. - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706 EPSON-S1D13706 Datasheet
1Mb / 152P
S1D13706 Embedded Memory LCD Controller
More results

Similar Description - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
LCD CONTROLLER
logo
List of Unclassifed Man...
SED1330F ETC-SED1330F Datasheet
388Kb / 148P
LCD Controller ICs
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
LCD Controller ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
Capacitive Switch Controller ICs
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
LCD Controller
April 13, 2012
logo
Rohm
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
Capacitive Switch Controller ICs
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
LCD Controller
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
LCD CONTROLLER
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com