Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706F00A Datasheet(PDF) 31 Page - Epson Company

Part # S1D13706F00A
Description  LCD Controller ICs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706F00A Datasheet(HTML) 31 Page - Epson Company

Back Button S1D13706F00A Datasheet HTML 27Page - Epson Company S1D13706F00A Datasheet HTML 28Page - Epson Company S1D13706F00A Datasheet HTML 29Page - Epson Company S1D13706F00A Datasheet HTML 30Page - Epson Company S1D13706F00A Datasheet HTML 31Page - Epson Company S1D13706F00A Datasheet HTML 32Page - Epson Company S1D13706F00A Datasheet HTML 33Page - Epson Company S1D13706F00A Datasheet HTML 34Page - Epson Company S1D13706F00A Datasheet HTML 35Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 94 page
background image
S1D13305 Series
EPSON
25
Technical Manual
8.2.1.8. WF
Selects the AC frame drive waveform period. WF is
usually set to 1.
WF = 0: 16-line AC drive
WF = 1: two-frame AC drive
In two-frame AC drive, the WF period is twice the frame
period.
In 16-line AC drive, WF inverts every 16 lines.
Although 16-line AC drive gives a more readable display,
horizontal lines may appear when using high LCD drive
voltages or at high viewing angles.
8.2.1.9. FY
Sets the vertical character size. The height in pixels is
equal to FY + 1.
FY can range from 00 to 0FH inclusive.
Set FY to zero (vertical size equals one) when in graphics
mode.
Table 4. Vertical character size selection
FY
[FY] character
HEX
D3 D2 D1 D0
height (pixels)
00
0000
1
01
0001
2
↓↓↓↓
07
0111
8
↓↓↓↓
0E
1110
15
0F
1111
16
8.2.1.10. C/R
Sets the address range covered by one display line, that is,
the number of characters less one, multiplied by the
number of horizontal bytes per character.
C/R can range from 0 to 239.
For example, if the character width is 10 pixels, then the
address range is equal to twice the number of characters,
less 2. See Section 16.1.1 for the calculation of C/R.
[C/R] cannot be set to a value greater than the address
range. It can, however, be set smaller than the address
range, in which case the excess display area is blank. The
number of excess pixels must not exceed 64.
Table 5. Display line address range
C/R
[C/R] bytes per display line
HEX
D7
D6
D5
D4
D3
D2
D1
D0
00
00000000
1
01
00000001
2
↓↓↓↓↓↓↓↓
4F
01001111
80
↓↓↓↓↓↓↓↓
EE
11101110
239
EF
11101111
240
INSTRUCTION SET


Similar Part No. - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706 EPSON-S1D13706 Datasheet
1Mb / 152P
S1D13706 Embedded Memory LCD Controller
More results

Similar Description - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
LCD Controller ICs
logo
List of Unclassifed Man...
SED1330F ETC-SED1330F Datasheet
388Kb / 148P
LCD Controller ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
Capacitive Switch Controller ICs
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
LCD Controller
logo
Generalplus Technology ...
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com