Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706F00A Datasheet(PDF) 30 Page - Epson Company

Part # S1D13706F00A
Description  LCD Controller ICs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706F00A Datasheet(HTML) 30 Page - Epson Company

Back Button S1D13706F00A Datasheet HTML 26Page - Epson Company S1D13706F00A Datasheet HTML 27Page - Epson Company S1D13706F00A Datasheet HTML 28Page - Epson Company S1D13706F00A Datasheet HTML 29Page - Epson Company S1D13706F00A Datasheet HTML 30Page - Epson Company S1D13706F00A Datasheet HTML 31Page - Epson Company S1D13706F00A Datasheet HTML 32Page - Epson Company S1D13706F00A Datasheet HTML 33Page - Epson Company S1D13706F00A Datasheet HTML 34Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 94 page
background image
24
EPSON
S1D13305 Series
Technical Manual
The IV flag causes the S1D13305 series to offset the text
screen against the graphics back layer by one vertical
pixel. Use the horizontal pixel scroll function (HDOT
SCR) to shift the text screen 1 to 7 pixels to the right. All
characters will then have the necessary surrounding back-
ground pixels that ensure easy reading of the inverted
characters.
See Section 10.5 for information on scrolling.
IV = 0: Screen top-line correction
IV = 1: No screen top-line correction
Figure 5. IV and HDOT SCR adjustment
8.2.1.7. FX
Define the horizontal character size. The character width
in pixels is equal to FX + 1, where FX can range from 00
to 07H inclusive. If data bit 3 is set (FX is in the range 08
to 0FH) and an 8-pixel font is used, a space is inserted
between characters.
Table 3. Horizontal character size selection
IV
1 dot
Dots 1 to 7
Display start point
Back layer
HDOT SCR
Character
Since the S1D13305 series handles display data in 8-bit
units, characters larger than 8 pixels wide must be formed
from 8-pixel segments. As Figure 6 shows, the remainder
of the second eight bits are not displayed. This also
applies to the second screen layer.
In graphics mode, the normal character field is also eight
pixels. If a wider character field is used, any remainder in
the second eight bits is not displayed.
FX
[FX] character width
HEX
D3 D2 D1 D0
(pixels)
00
0000
1
01
0001
2
↓↓↓↓
07
0111
8
Figure 6. FX and FY display addresses
8 bits
FY
FX
8 bits
FY
FX
Non-display area
Address B
Address A
8 bits
8 bits
INSTRUCTION SET


Similar Part No. - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706 EPSON-S1D13706 Datasheet
1Mb / 152P
S1D13706 Embedded Memory LCD Controller
More results

Similar Description - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
LCD CONTROLLER
logo
List of Unclassifed Man...
SED1330F ETC-SED1330F Datasheet
388Kb / 148P
LCD Controller ICs
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
LCD Controller ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
Capacitive Switch Controller ICs
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
LCD Controller
April 13, 2012
logo
Rohm
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
Capacitive Switch Controller ICs
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
LCD Controller
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
LCD CONTROLLER
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com