Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706F00A Datasheet(PDF) 26 Page - Epson Company

Part # S1D13706F00A
Description  LCD Controller ICs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706F00A Datasheet(HTML) 26 Page - Epson Company

Back Button S1D13706F00A Datasheet HTML 22Page - Epson Company S1D13706F00A Datasheet HTML 23Page - Epson Company S1D13706F00A Datasheet HTML 24Page - Epson Company S1D13706F00A Datasheet HTML 25Page - Epson Company S1D13706F00A Datasheet HTML 26Page - Epson Company S1D13706F00A Datasheet HTML 27Page - Epson Company S1D13706F00A Datasheet HTML 28Page - Epson Company S1D13706F00A Datasheet HTML 29Page - Epson Company S1D13706F00A Datasheet HTML 30Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 94 page
background image
20
EPSON
S1D13305 Series
Technical Manual
8. INSTRUCTION SET
8.1. The Command Set
Table 1. Command set
Command
Code
Read
Class
Command
Hex Command Description
Parameters
RD WR A0 D7 D6 D5 D4 D3 D2 D1 D0
No. of
Sec-
Bytes
tion
SYSTEM SET
10101000000
40
Initialize device and
8
8.2.1
display
SLEEP IN
10101010011
53
Enter standby mode
0
8.2.2
DISP ON/OFF
1010101100
D
58, Enable and disable dis-
1
8.3.1
59
play and display flashing
SCROLL
10101000100
44
Set display start address
10
8.3.2
and display regions
CSRFORM
10101011101
5D Set cursor type
2
8.3.3
CGRAM ADR
10101011100
5C
Set start address of char-
2
8.3.6
acter generator RAM
CD CD
4C
Set direction of cursor
CSRDIR
101010011
10
to
movement
0
8.3.4
4F
HDOT SCR
101010110105A
Set horizontal scroll
1
8.3.7
position
OVLAY
101010110115B
Set display overlay
1
8.3.5
format
CSRW
10101000110
46
Set cursor address
2
8.4.1
CSRR
10101000111
47
Read cursor address
2
8.4.2
MWRITE
10101000010
42
Write to display memory
8.5.1
MREAD
10101000011
43
Read from display
8.5.2
memory
Notes:
1. In general, the internal registers of the S1D13305 series are modified as each command parameter is input. However,
the microprocessor does not have to set all the parameters of a command and may send a new command before all parameters
have been input. The internal registers for the parameters that have been input will have been changed but the remaining
parameter registers are unchanged.
2-byte parameters (where two bytes are treated as 1 data item) are handled as follows:
a. CSRW, CSRR: Each byte is processed individually. The microprocessor may read or write just the low byte of the cursor
address.
b. SYSTEM SET, SCROLL, CGRAM ADR: Both parameter bytes are processed together. If the command is changed after
half of the parameter has been input, the single byte is ignored.
2. APL and APH are 2-byte parameters, but are treated as two 1-byte parameters.
System
control
Display
control
Drawing
control
Memory
control
INSTRUCTION SET


Similar Part No. - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706 EPSON-S1D13706 Datasheet
1Mb / 152P
   S1D13706 Embedded Memory LCD Controller
More results

Similar Description - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
   LCD Controller ICs
logo
List of Unclassifed Man...
SED1330F ETC-SED1330F Datasheet
388Kb / 148P
   LCD Controller ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
   LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
   LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
   LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
   LCD Controller
logo
Generalplus Technology ...
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
   LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com