Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706F00A Datasheet(PDF) 20 Page - Epson Company

Part # S1D13706F00A
Description  LCD Controller ICs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706F00A Datasheet(HTML) 20 Page - Epson Company

Back Button S1D13706F00A Datasheet HTML 16Page - Epson Company S1D13706F00A Datasheet HTML 17Page - Epson Company S1D13706F00A Datasheet HTML 18Page - Epson Company S1D13706F00A Datasheet HTML 19Page - Epson Company S1D13706F00A Datasheet HTML 20Page - Epson Company S1D13706F00A Datasheet HTML 21Page - Epson Company S1D13706F00A Datasheet HTML 22Page - Epson Company S1D13706F00A Datasheet HTML 23Page - Epson Company S1D13706F00A Datasheet HTML 24Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 94 page
background image
14
EPSON
S1D13305 Series
Technical Manual
Signal
Symbol
Parameter
VDD = 4.5 to 5.5V VDD = 2.7 to 4.5V
Unit
Condition
Min.
Max.
Min.
Max.
EXT
φ0tC
Clock period
100
125
ns
tW
VCE HIGH-level
pulsewidth
tC – 50
tC – 50
ns
VCE
tCE
VCE LOW-level
pulsewidth
2tC – 30
2tC – 30
ns
tCYW
Write cycle time
3tC
—3tC
—ns
tAHC
Address hold time from
2tC – 30
2tC – 40
ns
falling edge of VCE
tASC
Address setup time to
tC – 70
tC – 110
ns
falling edge of VCE
VA0 to
tCA
Address hold time from
0—
0—
ns
VA15
rising edge of VCE
tAS
Address setup time to
0—
0—
ns
falling edge of VWR
tAH2
Address hold time from
10
10
ns
rising edge of VWR
tWSC
Write setup time to
tC – 80
tC – 115
ns
VWR
falling edge of VCE
tWHC
Write hold time from
2tC – 20
2tC – 20
ns
falling edge of VCE
tDSC
Data input setup time to
tC – 85
tC – 125
ns
falling edge of VCE
VD0 to
tDHC
Data input hold time
2tC – 30
2tC – 30
ns
VD7
from falling edge of VCE
tDH2
Data hold time from
550
5
50
ns
rising edge of VWR
Note: VD0 to VD7 are latching input/outputs. While the bus is high impedance, VD0 to VD7 retain the write data until the data read
from the memory is placed on the bus.
Ta = –20 to 75
°C
CL = 100
pF
SPECIFICATIONS


Similar Part No. - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706 EPSON-S1D13706 Datasheet
1Mb / 152P
S1D13706 Embedded Memory LCD Controller
More results

Similar Description - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
LCD CONTROLLER
logo
List of Unclassifed Man...
SED1330F ETC-SED1330F Datasheet
388Kb / 148P
LCD Controller ICs
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
LCD Controller ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
Capacitive Switch Controller ICs
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
LCD Controller
April 13, 2012
logo
Rohm
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
Capacitive Switch Controller ICs
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
LCD Controller
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
LCD CONTROLLER
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com