Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706F00A Datasheet(PDF) 18 Page - Epson Company

Part # S1D13706F00A
Description  LCD Controller ICs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706F00A Datasheet(HTML) 18 Page - Epson Company

Back Button S1D13706F00A Datasheet HTML 14Page - Epson Company S1D13706F00A Datasheet HTML 15Page - Epson Company S1D13706F00A Datasheet HTML 16Page - Epson Company S1D13706F00A Datasheet HTML 17Page - Epson Company S1D13706F00A Datasheet HTML 18Page - Epson Company S1D13706F00A Datasheet HTML 19Page - Epson Company S1D13706F00A Datasheet HTML 20Page - Epson Company S1D13706F00A Datasheet HTML 21Page - Epson Company S1D13706F00A Datasheet HTML 22Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 94 page
background image
12
EPSON
S1D13305 Series
Technical Manual
6.3.3. Display memory read timing
EXT
Φ0
VCE
VA0 to VA15
VR/W
VD0 to VD7
tC
tW
tCE
tW
tAHC
tASC
tCYR
tRCS
tCEA
tRCH
tCE3
tOH2
tACV
Signal
Symbol
Parameter
VDD = 4.5 to 5.5V VDD = 2.7 to 4.5V
Unit
Condition
Min.
Max.
Min.
Max.
EXT
φ0tC
Clock period
100
125
ns
tW
VCE HIGH-level
pulsewidth
tC – 50
tC – 50
ns
VCE
tCE
VCE LOW-level
pulsewidth
2tC – 30
2tC – 30
ns
tCYR
Read cycle time
3tC
—3tC
—ns
tASC
Address setup time to
tC – 70
tC – 100
ns
falling edge of VCE
tAHC
Address hold time from
2tC – 30
2tC – 40
ns
falling edge of VCE
tRCS
Read cycle setup time to
tC – 45
tC – 60
ns
VRD
falling edge of VCE
tRCH
Read cycle hold time
0.5tC
0.5tC
—ns
from rising edge of VCE
tACV
Address access time
3tC – 100
3tC – 115
ns
VD0 to
tCEA
VCE access time
2tC – 80
2tC – 90
ns
VD7
tOH2
Output data hold time
0
0
ns
tCE3
VCE to data off time
0
0
ns
VA0 to
VA15
CL = 100
pF
Ta = –20 to 75
°C
SPECIFICATIONS


Similar Part No. - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706 EPSON-S1D13706 Datasheet
1Mb / 152P
S1D13706 Embedded Memory LCD Controller
More results

Similar Description - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
LCD CONTROLLER
logo
List of Unclassifed Man...
SED1330F ETC-SED1330F Datasheet
388Kb / 148P
LCD Controller ICs
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
LCD Controller ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
Capacitive Switch Controller ICs
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
LCD Controller
April 13, 2012
logo
Rohm
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
Capacitive Switch Controller ICs
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
LCD Controller
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
LCD CONTROLLER
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com