Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706F00A Datasheet(PDF) 14 Page - Epson Company

Part # S1D13706F00A
Description  LCD Controller ICs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706F00A Datasheet(HTML) 14 Page - Epson Company

Back Button S1D13706F00A Datasheet HTML 10Page - Epson Company S1D13706F00A Datasheet HTML 11Page - Epson Company S1D13706F00A Datasheet HTML 12Page - Epson Company S1D13706F00A Datasheet HTML 13Page - Epson Company S1D13706F00A Datasheet HTML 14Page - Epson Company S1D13706F00A Datasheet HTML 15Page - Epson Company S1D13706F00A Datasheet HTML 16Page - Epson Company S1D13706F00A Datasheet HTML 17Page - Epson Company S1D13706F00A Datasheet HTML 18Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 94 page
background image
8
EPSON
S1D13305 Series
Technical Manual
6.2. S1D13305
Notes:
Parameter
Symbol
Condition
Rating
Unit
Min.
Typ.
Max.
Supply voltage
VDD
4.5
5.0
5.5
V
Register data retention voltage
VOH
2.0
6.0
V
Input leakage current
ILI
VI = VDD. See note 5.
0.05
2.0
µA
Output leakage current
ILO
VI = VSS. See note 5.
0.10
5.0
µA
Operating supply current
Iopr
See note 4.
11
15
mA
Quiescent supply current
IQ
Sleep mode,
0.05
20.0
µA
VOSC1 = VCS = VRD = VDD
Oscillator frequency
fOSC
1.0
10.0
MHz
External clock frequency
fCL
1.0
10.0
MHz
Oscillator feedback resistance
Rf
0.5
1.0
3.0
M
TTL
HIGH-level input voltage
VIHT
See note 1.
0.5VDD
—VDD
V
LOW-level input voltage
VILT
See note 1.
VSS
0.2VDD
V
HIGH-level output voltage
VOHT
IOH = –5.0 mA.
2.4
V
See note 1.
LOW-level output voltage
VOLT
IOL = 5.0 mA. See note 1.
VSS + 0.4
V
CMOS
HIGH-level input voltage
VIHC
See note 2.
0.8VDD
—VDD
V
LOW-level input voltage
VILC
See note 2.
VSS
0.2VDD
V
HIGH-level output voltage
VOHC
IOH = –2.0 mA. See note 2.
VDD – 0.4
V
LOW-level output voltage
VOLC
IOH = 1.6 mA. See note 2.
——
VSS + 0.4
V
Open-drain
LOW-level output voltage
VOLN
IOL = 6.0 mA.
SS
+ 0.4
V
Schmitt-trigger
Rising-edge threshold voltage
VT+
See note 3.
0.5VDD
0.7VDD
0.8VDD
V
Falling-edge threshold voltage
VT–
See note 3.
0.2VDD
0.3VDD
0.5VDD
V
VDD = 4.5 to 5.5V, VSS = 0V, Ta = –20 to 75
°C
Measured at crystal,
47.5% duty cycle.
See note 6.
1. D0 to D7, A0, CS, RD, WR, VD0 to VD7, VA0 to VA15, VRD, VWR and VCE are TTL-level inputs.
2. SEL1 is CMOS-level inputs. YD, XD0 to XD3, XSCL, LP, WF, YDIS are CMOS-level outputs.
3. RES is a Schmitt-trigger input. The pulsewidth on RES must be at least 200
µs. Note that pulses of more than a few seconds
will cause DC voltages to be applied to the LCD panel.
4. fOSC = 10 MHz, no load (no display memory), internal character generator, 256
× 200 pixel display. The operating
supply current can be reduced by approximately 1 mA by setting both CLO and the display OFF.
5. VD0 to VD7 and D0 to D7 have internal feedback circuits so that if the inputs become high-impedance, the input
state immediately prior to that is held.
Because of the feedback circuit, input current flow occurs when the
inputs are in an intermediate state.
6. Because the oscillator circuit input bias current is in the order of
µA, design the printed circuit board so as to
reduce leakage currents.
——
V
SPECIFICATIONS


Similar Part No. - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706 EPSON-S1D13706 Datasheet
1Mb / 152P
S1D13706 Embedded Memory LCD Controller
More results

Similar Description - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
LCD Controller ICs
logo
List of Unclassifed Man...
SED1330F ETC-SED1330F Datasheet
388Kb / 148P
LCD Controller ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
Capacitive Switch Controller ICs
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
LCD Controller
logo
Generalplus Technology ...
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com