Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706F00A Datasheet(PDF) 11 Page - Epson Company

Part # S1D13706F00A
Description  LCD Controller ICs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706F00A Datasheet(HTML) 11 Page - Epson Company

Back Button S1D13706F00A Datasheet HTML 7Page - Epson Company S1D13706F00A Datasheet HTML 8Page - Epson Company S1D13706F00A Datasheet HTML 9Page - Epson Company S1D13706F00A Datasheet HTML 10Page - Epson Company S1D13706F00A Datasheet HTML 11Page - Epson Company S1D13706F00A Datasheet HTML 12Page - Epson Company S1D13706F00A Datasheet HTML 13Page - Epson Company S1D13706F00A Datasheet HTML 14Page - Epson Company S1D13706F00A Datasheet HTML 15Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
S1D13305 Series
EPSON
5
Technical Manual
5.2. Pin Functions
5.2.1. Power supply
5.2.3. Microprocessor interface
5.2.2. Oscillator
Pin Name
Function
VDD
2.7 to 5.5V supply.
This may be the same supply as the controlling microprocessor.
VSS
Ground
Note: The peak supply current drawn by the S1D13305 series may be up to ten times the average supply current. The power
supply impedance must be kept as low as possible by ensuring that supply lines are sufficiently wide and by placing 0.47
µF
decoupling capacitors that have good high-frequency response near the device’s supply pins.
Pin Name
Function
XG
Crystal connection for internal oscillator (See section 13). This pin can be driven by an external
clock source that satisfies the timing specifications of the EXT
φ0 signal (See section 6.3.6).
XD
Crystal connection for internal oscillator. Leave this pin open when using an external clock
source.
Pin Name
Function
D0 to D7
Tristate input/output pins. Connect these pins to an 8- or 16-bit microprocessor bus.
Microprocessor interface select pin. The S1D13305 series supports both 8080 family
processors (such as the 8085 and Z80®) and 6800 family processors (such as the 6802
and 6809).
SEL1
SEL2*
Interface
A0
RD
WR
CS
0
0
8080 family
A0
RD
WR
CS
1
0
6800 family
A0
E
R/W
CS
Note: SEL1 should be tied directly to VDD or VSS to prevent noise. If noise does appear on SEL1, decouple it to ground using a
capacitor placed as close to the pin as possible.
SEL1, SEL2
PIN DESCRIPTION


Similar Part No. - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706 EPSON-S1D13706 Datasheet
1Mb / 152P
S1D13706 Embedded Memory LCD Controller
More results

Similar Description - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
LCD Controller ICs
logo
List of Unclassifed Man...
SED1330F ETC-SED1330F Datasheet
388Kb / 148P
LCD Controller ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
Capacitive Switch Controller ICs
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
LCD Controller
logo
Generalplus Technology ...
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com