Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706F00A Datasheet(PDF) 81 Page - Epson Company

Part # S1D13706F00A
Description  LCD Controller ICs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706F00A Datasheet(HTML) 81 Page - Epson Company

Back Button S1D13706F00A Datasheet HTML 77Page - Epson Company S1D13706F00A Datasheet HTML 78Page - Epson Company S1D13706F00A Datasheet HTML 79Page - Epson Company S1D13706F00A Datasheet HTML 80Page - Epson Company S1D13706F00A Datasheet HTML 81Page - Epson Company S1D13706F00A Datasheet HTML 82Page - Epson Company S1D13706F00A Datasheet HTML 83Page - Epson Company S1D13706F00A Datasheet HTML 84Page - Epson Company S1D13706F00A Datasheet HTML 85Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 94 page
background image
S1D13305 Series
EPSON
75
Technical Manual
16.1.5. Display mode setting example 3: combining three graphics layers
Ì Conditions
320
× 200 pixels, single-panel drive (1/200 duty
cycle)
First layer: graphics display
Second layer: graphics display
Third layer: graphics display
Ì Display memory allocation
All layers (graphics): 320/8 = 40 characters per
line, 200/1 = 200 lines. Required memory size = 40
× 200 = 8000 bytes.
Figure 60. Three-layer graphics
Ì Register setup procedure
SYSTEM SET TC/R calculation
C =
40H
P1 = 30H
fOSC = 6 MHz
P2 = 87H
fFR = 70 Hz
P3 = 07H
P4 = 27H
(1/6)
× 9 × [TC/R] × 200 = 1/70
P5 = 2FH
[TC/R] = 48, so TC/R = 2FH
P6 = C7H
P7 = 28H
P8 = 00H
5DBFH
1F40H
2nd graphics layer
(8000 bytes)
3E7FH
0000H
1st graphics layer
(8000 bytes)
1F3FH
3E80H
3rd graphics layer
(8000 bytes)
SCROLL
C =
44H
P1 = 00H
P2 = 00H
P3 = C8H
P4 = 40H
P5 = 1FH
P6 = C8H
P7 = 80H
P8 = 3EH
P9 = XH
P10 = XH
APPLICATION NOTES


Similar Part No. - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706 EPSON-S1D13706 Datasheet
1Mb / 152P
   S1D13706 Embedded Memory LCD Controller
More results

Similar Description - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
   LCD Controller ICs
logo
List of Unclassifed Man...
SED1330F ETC-SED1330F Datasheet
388Kb / 148P
   LCD Controller ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
   LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
   LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
   LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
   LCD Controller
logo
Generalplus Technology ...
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
   LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com