Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706F00A Datasheet(PDF) 74 Page - Epson Company

Part # S1D13706F00A
Description  LCD Controller ICs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706F00A Datasheet(HTML) 74 Page - Epson Company

Back Button S1D13706F00A Datasheet HTML 70Page - Epson Company S1D13706F00A Datasheet HTML 71Page - Epson Company S1D13706F00A Datasheet HTML 72Page - Epson Company S1D13706F00A Datasheet HTML 73Page - Epson Company S1D13706F00A Datasheet HTML 74Page - Epson Company S1D13706F00A Datasheet HTML 75Page - Epson Company S1D13706F00A Datasheet HTML 76Page - Epson Company S1D13706F00A Datasheet HTML 77Page - Epson Company S1D13706F00A Datasheet HTML 78Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 94 page
background image
68
EPSON
S1D13305 Series
Technical Manual
Table 27. Initialization procedure (continued)
5
HDOT SCR
C = 5AH
P1 = 00H
Set horizontal pixel shift to zero
6
OVLAY
C = 5BH
P1 = 01H
MX 1, MX 0: Inverse video superposition
DM 1: First screen block is text mode
DM 2: Third screen block is text mode
7
DISP ON/OFF
C = 58H
D: Display OFF
P1 = 56H
FC1, FC0: Flash cursor at 2 Hz
FP1, FP0: First screen block ON
FP3, FP2: Second and fourth screen blocks ON
FP5, FP4: Third screen block ON
8
Clear data in first layer
Fill first screen layer memory with 20H (space character)
(continued)
No.
Command
Operation
P9 = 00H
Fourth screen block start address
P10 = 30H
Set to 3000H
Display memory
1st display memory page
2nd display memory page
3rd display memory page
4th display memory page
(SAD1) 0000H
(SAD3) 0400H
0800H
(SAD2) 1000H
(SAD4) 3000H
5000H
APPLICATION NOTES


Similar Part No. - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706 EPSON-S1D13706 Datasheet
1Mb / 152P
   S1D13706 Embedded Memory LCD Controller
More results

Similar Description - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
   LCD Controller ICs
logo
List of Unclassifed Man...
SED1330F ETC-SED1330F Datasheet
388Kb / 148P
   LCD Controller ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
   LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
   LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
   LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
   LCD Controller
logo
Generalplus Technology ...
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
   LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com