Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706F00A Datasheet(PDF) 73 Page - Epson Company

Part # S1D13706F00A
Description  LCD Controller ICs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706F00A Datasheet(HTML) 73 Page - Epson Company

Back Button S1D13706F00A Datasheet HTML 69Page - Epson Company S1D13706F00A Datasheet HTML 70Page - Epson Company S1D13706F00A Datasheet HTML 71Page - Epson Company S1D13706F00A Datasheet HTML 72Page - Epson Company S1D13706F00A Datasheet HTML 73Page - Epson Company S1D13706F00A Datasheet HTML 74Page - Epson Company S1D13706F00A Datasheet HTML 75Page - Epson Company S1D13706F00A Datasheet HTML 76Page - Epson Company S1D13706F00A Datasheet HTML 77Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 94 page
background image
S1D13305 Series
EPSON
67
Technical Manual
Table 27. Initialization procedure
No.
Command
Operation
1
Power-up
2
Supply
3
SYSTEM SET
C = 40H
P1 = 38H
M0: Internal CG ROM
M1: CG RAM is 32 characters maximum
M2: 8 lines per character
W/S: Two-panel drive
IV: No top-line compensation
P2 = 87H
FX: Horizontal character size = 8 pixels
WF: Two-frame AC drive
P3 = 07H
FY: Vertical character size = 8 pixels
P4 = 3FH
C/R: 64 display addresses per line
P5 = 49H
TC/R: Total address range per line = 90
fOSC = 6.0 MHz, fFR = 70 Hz
P6 = 7FH
L/F: 128 display lines
P7 = 80H
AP: Virtual screen horizontal size is 128 addresses
P8 = 00H
4
SCROLL
C = 44H
P1 = 00H
First screen block start address
P2 = 00H
Set to 0000H
P3 = 40H
Display lines in first screen block = 64
P4 = 00H
Second screen block start address
P5 = 10H
Set to 1000H
P6 = 40H
Display lines in second screen block = 64
P7 = 00H
Third screen block start address
P8 = 04H
Set to 0400H
(continued)
APPLICATION NOTES


Similar Part No. - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706 EPSON-S1D13706 Datasheet
1Mb / 152P
   S1D13706 Embedded Memory LCD Controller
More results

Similar Description - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
   LCD Controller ICs
logo
List of Unclassifed Man...
SED1330F ETC-SED1330F Datasheet
388Kb / 148P
   LCD Controller ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
   LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
   LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
   LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
   LCD Controller
logo
Generalplus Technology ...
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
   LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com