Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706F00A Datasheet(PDF) 71 Page - Epson Company

Part # S1D13706F00A
Description  LCD Controller ICs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706F00A Datasheet(HTML) 71 Page - Epson Company

Back Button S1D13706F00A Datasheet HTML 67Page - Epson Company S1D13706F00A Datasheet HTML 68Page - Epson Company S1D13706F00A Datasheet HTML 69Page - Epson Company S1D13706F00A Datasheet HTML 70Page - Epson Company S1D13706F00A Datasheet HTML 71Page - Epson Company S1D13706F00A Datasheet HTML 72Page - Epson Company S1D13706F00A Datasheet HTML 73Page - Epson Company S1D13706F00A Datasheet HTML 74Page - Epson Company S1D13706F00A Datasheet HTML 75Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 94 page
background image
S1D13305 Series
EPSON
65
Technical Manual
16. APPLICATION NOTES
16.1. Initialization Parameters
The parameters for the initialization commands must be
determined first. Square brackets around a parameter
name indicate the number represented by the parameter,
rather than the value written to the parameter register. For
example, [FX] = FX + 1.
16.1.1. SYSTEM SET instruction and
parameters
Ì FX
The horizontal character field size is determined from
the horizontal display size in pixels [VD] and the
number of characters per line [VC].
[VD] / [VC]
≤ [FX]
Ì C/R
C/R can be determined from VC and FX.
[C/R] = RND ([FX] / 8)
× [VC]
where RND(x) denotes
× rounded up to the next
highest integer. [C/R] is the number of bytes per line,
not the number of characters.
Ì TC/R
TC/R must satisfy the condition [TC/R]
≥ [C/R] + 4.
Ì fOSC and fFR
Once TC/R has been set, the frame frequency, fFR, and
lines per frame [L/F] will also have been set. The
lower limit on the oscillator frequency fOSC is given
by:
fOSC
≥ ([TC/R] × 9 + 1) × [L/F] × fFR
Ì If no standard crystal close to the calculated value of
fOSC exists, a higher frequency crystal can be used and
the value of TC/R revised using the above equation.
Ì Symptoms of an incorrect TC/R setting are listed
below. If any of these appears, check the value of TC/
R and modify it if necessary.
Vertical scanning halts and a high-contrast hori-
zontal line appears.
All pixels are on or off.
The LP output signal is absent or corrupted.
The display is unstable.
RESET/APPLICATION NOTES
The S1D13305 series requires a reset pulse at least 1 ms
long after power-on in order to re-initialize its internal
state.
For maximum reliability, it is not recommended to apply
a DC voltage to the LCD panel while the S1D13305 series
is reset. Turn off the LCD power supplies for at least one
frame period after the start of the reset pulse.
The S1D13305 series cannot receive commands while it
is reset. Commands to initialize the internal registers
should be issued soon after a reset.
During reset, the LCD drive signals XD, LP and FR are
halted.
A delay of 3 ms (maximum) is required following the
rising edges of both RES and VDD to allow for system
stabilization.
15. RESET
Figure 56. Reset timing
1ms reset pulse
0.7 VDD
0.3 VDD
VDD
RES


Similar Part No. - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706 EPSON-S1D13706 Datasheet
1Mb / 152P
S1D13706 Embedded Memory LCD Controller
More results

Similar Description - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
LCD Controller ICs
logo
List of Unclassifed Man...
SED1330F ETC-SED1330F Datasheet
388Kb / 148P
LCD Controller ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
Capacitive Switch Controller ICs
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
LCD Controller
logo
Generalplus Technology ...
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com