Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706F00A Datasheet(PDF) 65 Page - Epson Company

Part # S1D13706F00A
Description  LCD Controller ICs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706F00A Datasheet(HTML) 65 Page - Epson Company

Back Button S1D13706F00A Datasheet HTML 61Page - Epson Company S1D13706F00A Datasheet HTML 62Page - Epson Company S1D13706F00A Datasheet HTML 63Page - Epson Company S1D13706F00A Datasheet HTML 64Page - Epson Company S1D13706F00A Datasheet HTML 65Page - Epson Company S1D13706F00A Datasheet HTML 66Page - Epson Company S1D13706F00A Datasheet HTML 67Page - Epson Company S1D13706F00A Datasheet HTML 68Page - Epson Company S1D13706F00A Datasheet HTML 69Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 94 page
background image
S1D13305 Series
EPSON
59
Technical Manual
11. MICROPROCESSOR INTERFACE
11.1. System Bus Interface
SEL1, SEL2, A0, RD, WR and CS are used as control
signals for the microprocessor data bus. A0 is normally
connected to the lowest bit of the system address bus.
SEL1 and SEL2 change the operation of the RD and WR
pins to enable interfacing to either an 8080 or 6800 family
bus, and should have a pull-up or pull-down resistor.
With microprocessors using an 8080 family interface, the
S1D13305 series is normally mapped into the I/O address
space.
11.1.1. 8080 series
Table 24. 8080 series interface signals
11.1.2. 6800 series
Table 25. 6800 series interface signals
11.2. Microprocessor Synchronization
The S1D13305 series interface operates at full bus speed,
completing the execution of each command within the
cycle time,
tCYC . The controlling microprocessor’s per-
formance is thus not hampered by polling or handshaking
when accessing the S1D13305 series.
Display flicker may occur if there is more than one
consecutive access that cannot be ignored within a frame.
The microprocessor can minimize this either by perform-
ing these accesses intermittently, or by continuously
checking the status flag (D6) and waiting for it to become
HIGH.
11.2.1. Display status indication output
When CS, A0 and RD are LOW, D6 functions as the
display status indication output. It is HIGH during the
TV-mode vertical retrace period or the LCD-mode hori-
zontal retrace period, and LOW, during the period the
controller is writing to the display. By monitoring D6 and
writing to the data memory only during retrace periods,
the display can be updated without causing screen flicker.
11.2.2. Internal register access
The SYSTEM SET and SLEEP IN commands can be
used to perform input/output to the S1D13305 series
independently of the system clock frequency. These are
the only commands that can be used while the S1D13305
series is in sleep mode.
11.2.3. Display memory access
The S1D13305 series supports a form of pipelined pro-
cessing, in which the microprocessor synchronizes its
processing to the S1D13305 series timing. When writing,
the microprocessor first issues the MWRITE command.
It then repeatedly writes display data to the S1D13305
series using the system bus timing. This ensures that the
microprocessor is not slowed down even if the display
memory access times are slower than the system bus
access times. See Figure 47.
When reading, the microprocessor first issues the MREAD
command, which causes the S1D13305 series to load the
first read data into its output buffer. The microprocessor
then reads data from the S1D13305 series using the
system bus timing. With each read, the S1D13305 series
reads the next data item from the display memory ready
for the next read access. See Figure 48.
A0 RD WR
Function
0
0
1
Status flag read
101
Display data and cursor address
read
0
1
0
Display data and parameter write
1
1
0
Command write
0
1
1
Status flag read
111
Display data and cursor address
read
0
0
1
Display data and parameter write
1
0
1
Command write
Function
E
R/W
A0
MICROPROCESSOR INTERFACE


Similar Part No. - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706 EPSON-S1D13706 Datasheet
1Mb / 152P
S1D13706 Embedded Memory LCD Controller
More results

Similar Description - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
LCD CONTROLLER
logo
List of Unclassifed Man...
SED1330F ETC-SED1330F Datasheet
388Kb / 148P
LCD Controller ICs
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
LCD Controller ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
Capacitive Switch Controller ICs
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
LCD Controller
April 13, 2012
logo
Rohm
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
Capacitive Switch Controller ICs
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
LCD Controller
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
LCD CONTROLLER
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com