Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELB-1001SYGWA/S530-E2 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # ELB-1001SYGWA/S530-E2
Description  10 Bar Graph Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELB-1001SYGWA/S530-E2 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  ELB-1001SYGWA/S530-E2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELB-1001SYGWA/S530-E2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELB-1001SYGWA/S530-E2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELB-1001SYGWA/S530-E2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELB-1001SYGWA/S530-E2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELB-1001SYGWA/S530-E2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
10 Bar Graph Displays
ELB-1001SYGWA/S530-E2
█ Absolute maximum ratings at Ta = 25℃:
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5V
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-40 to +100
Soldering Temperature *
Tsol
260 ± 5
Electrostatic Discharge
ESD
2000
V
Power Dissipation
Pd
60
mW
Note: *Soldering time ≦ 5 seconds.
█ Electronic optical characteristics :
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous
----
2.0
----
mcd
IF=2mA
Intensity
2.8
4.5
----
mcd
IF=10mA
Peak Wavelength
λp
----
575
----
nm
IF=20mA
Dominant Wavelength
λd
----
573
----
nm
IF=20mA
△λ
----
20
----
nm
IF=20mA
Forward Voltage
VF
-----
2.0
2.4
V
IF=20mA
Reverse Current
IR
----
----
100
μA
VR=5V
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 2
Page: 3 of 6
Device Number :CDDB-100-027
Prepared date:2006/3/8
Prepared by: YanLi Zhong
Iv
Spectrum Radiation
Bandwidth
Per segment


Similar Part No. - ELB-1001SYGWA/S530-E2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELB-1001SDRWB-S530-A3 EVERLIGHT-ELB-1001SDRWB-S530-A3 Datasheet
132Kb / 6P
   10 Bar Graph Displays
ELB-1001SURWA-S530-A3 EVERLIGHT-ELB-1001SURWA-S530-A3 Datasheet
136Kb / 7P
   10 Bar Graph Displays
ELB-1001SURWA/S530-A3 EVERLIGHT-ELB-1001SURWA/S530-A3 Datasheet
136Kb / 7P
   10 Bar Graph Displays
ELB-1001SURWB-S530-A3 EVERLIGHT-ELB-1001SURWB-S530-A3 Datasheet
137Kb / 6P
   10 Bar Graph Displays
More results

Similar Description - ELB-1001SYGWA/S530-E2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELB-1001SDRWB-S530-A3 EVERLIGHT-ELB-1001SDRWB-S530-A3 Datasheet
132Kb / 6P
   10 Bar Graph Displays
ELB-1001USOWA-S530-A3 EVERLIGHT-ELB-1001USOWA-S530-A3 Datasheet
127Kb / 6P
   10 Bar Graph Displays
ELB-1001SURWB-S530-A3 EVERLIGHT-ELB-1001SURWB-S530-A3 Datasheet
137Kb / 6P
   10 Bar Graph Displays
ELB-1001USOWA-S530-A4 EVERLIGHT-ELB-1001USOWA-S530-A4 Datasheet
131Kb / 7P
   10 Bar Graph Displays
ELB-1001SURWA-S530-A3 EVERLIGHT-ELB-1001SURWA-S530-A3 Datasheet
136Kb / 7P
   10 Bar Graph Displays
logo
List of Unclassifed Man...
TSM3914 ETC1-TSM3914 Datasheet
1Mb / 4P
   INTEGRATED BAR GRAPH DISPLAYS
logo
Vishay Siliconix
PBG-C VISHAY-PBG-C Datasheet
79Kb / 2P
   Plasma Panel Displays Linear Bar Graph
Revision 08-Nov-00
logo
BRIGHT LED ELECTRONICS ...
BA-10G1UD BRIGHT-BA-10G1UD Datasheet
138Kb / 3P
   10 BAR GRAPH ARRAY
logo
LUMEX INC.
SSA-LXB10IGW-GF LUMEX-SSA-LXB10IGW-GF Datasheet
48Kb / 1P
   10 Segment Bar Graph
logo
Vishay Siliconix
PBG VISHAY-PBG Datasheet
79Kb / 2P
   Plasma Panel Displays Dual Linear Bar Graph
Revision 08-Nov-00
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com