![]() |
Electronic Components Datasheet Search |
|
ELB-1001SYGWA-S530-E2 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd |
|
|
ELB-1001SYGWA-S530-E2 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd |
5 / 6 page ![]() EVERLIGHT ELECTRONICS CO.,LTD. Technical Data Sheet 10 Bar Graph Displays ELB-1001SYGWA/S530-E2 █ Reliability test items and conditions: The reliability of products shall be satisfied with items listed below. Confidence level:97% LTPD:3% NO Item Test Conditions Test Hours/Cycle Sample Size Failure Judgment Criteria Ac/Re 1 Solder Heat TEMP : 260℃ ± 5 ℃ 5 SEC 76 PCS 0/1 H : +85℃ 30min 2 Temperature Cycle ∫ 5 min 50 CYCLE 76 PCS 0/1 L : -55℃ 30min H : +100℃ 5min 3 Thermal Shock ∫ 10 sec 50 CYCLE 76 PCS 0/1 L : -10℃ 5min 4 High Temperature Storage TEMP : 100℃ 1000 HRS 76 PCS 0/1 5 Low Temperature Storage TEMP : -55℃ 1000 HRS 76 PCS 0/1 6 DC Operating Life IF = 10 mA 1000 HRS 76 PCS 0/1 7 High Temperature / High Humidity 85℃/85% RH 1000 HRS 76 PCS 0/1 Note: Ivt:The test Iv value of the chip before the reliablility test Iv:The test value of the chip that has completed the reliablility test U:Upper Specification Limit L: Lower Specification Limit http : //www.everlight.com Rev. : 2 Page: 5 of 6 Device Number :CDDB-100-027 Prepared date:2006/3/8 Prepared by: YanLi Zhong Iv≦Ivt*0.5 or Vf≧U or Vf≦L EVERLIGHT ELECTRONICS CO.,LTD. |
Similar Part No. - ELB-1001SYGWA-S530-E2 |
|
Similar Description - ELB-1001SYGWA-S530-E2 |
|
|
Link URL |