Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELB-1010SYGD/S530-E2 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # ELB-1010SYGD/S530-E2
Description  12.8 * 6.3mm Light Bars
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELB-1010SYGD/S530-E2 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  ELB-1010SYGD/S530-E2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELB-1010SYGD/S530-E2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELB-1010SYGD/S530-E2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELB-1010SYGD/S530-E2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELB-1010SYGD/S530-E2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELB-1010SYGD/S530-E2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
12.8*6.3mm Light Bars
ELB-1010SYGD/S530-E2
█ Absolute maximum ratings at Ta = 25℃:
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-40 to +100
Soldering Temperature *
Tsol
260 ± 5
Electrostatic Discharge
ESD
2000
V
Power Dissipation
Pd
60
mW
Note: *Soldering time ≦ 5 seconds.
█ Electronic optical characteristics :
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous
----
1.6
----
mcd
IF=2mA
Intensity
2.8
6.4
----
mcd
IF=10mA
Peak Wavelength
λp
----
575
----
nm
IF=20mA
Dominant Wavelength
λd
----
573
----
nm
IF=20mA
△λ
----
20
----
nm
IF=20mA
Forward Voltage
VF
-----
2.0
2.4
V
IF=20mA
Reverse Current
IR
----
----
100
μA
VR=5V
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 1
Page: 3 of 6
Device Number :CDDB-101-015
Prepared date:2005/07/13
Prepared by: YanLi Zhong
Iv
Spectrum Radiation
Bandwidth
Per segment


Similar Part No. - ELB-1010SYGD/S530-E2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELB-1010SURD-S530-A3 EVERLIGHT-ELB-1010SURD-S530-A3 Datasheet
91Kb / 6P
12.8 * 6.3mm Light Bars
ELB-1010SURD/S530-A3 EVERLIGHT-ELB-1010SURD/S530-A3 Datasheet
91Kb / 6P
12.8 * 6.3mm Light Bars
More results

Similar Description - ELB-1010SYGD/S530-E2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
OLB2300 SIEMENS-OLB2300 Datasheet
38Kb / 1P
LIGHT BARS
OLB2350 SIEMENS-OLB2350 Datasheet
53Kb / 1P
LIGHT BARS
OLB2600 SIEMENS-OLB2600 Datasheet
44Kb / 1P
LIGHT BARS
OLB2620 SIEMENS-OLB2620 Datasheet
43Kb / 1P
LIGHT BARS
OLB2655 SIEMENS-OLB2655 Datasheet
37Kb / 1P
LIGHT BARS
OLB2685 SIEMENS-OLB2685 Datasheet
210Kb / 5P
LIGHT BARS
logo
Marktech Corporate
MTLB250-O MARKTECH-MTLB250-O Datasheet
39Kb / 1P
LIGHT BARS
MTLB251-G MARKTECH-MTLB251-G Datasheet
35Kb / 1P
LIGHT BARS
MTLB257-HR MARKTECH-MTLB257-HR Datasheet
44Kb / 1P
LIGHT BARS
logo
Everlight Electronics C...
ELB-1010SURD-S530-A3 EVERLIGHT-ELB-1010SURD-S530-A3 Datasheet
91Kb / 6P
12.8 * 6.3mm Light Bars
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com