Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELB-1010SURD-S530-A3 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # ELB-1010SURD-S530-A3
Description  12.8 * 6.3mm Light Bars
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELB-1010SURD-S530-A3 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  ELB-1010SURD-S530-A3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELB-1010SURD-S530-A3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELB-1010SURD-S530-A3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELB-1010SURD-S530-A3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELB-1010SURD-S530-A3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELB-1010SURD-S530-A3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
12.8*6.3mm Light Bars
ELB-1010SURD/S530-A3
Package Dimensions
Notes: 1.All dimensions are in millimeters , tolerance is 0.25mm unless otherwise noted.
2.Above specification may be changed without notice.
Supplier will reserve authority on material change for above specification.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 3
Page: 2 of 6
Device Number :CDDB-101-008
Prepared date:2006/10/30
Prepared by: YanLi Zhong


Similar Part No. - ELB-1010SURD-S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELB-1010SYGD-S530-E2 EVERLIGHT-ELB-1010SYGD-S530-E2 Datasheet
87Kb / 6P
   12.8 * 6.3mm Light Bars
ELB-1010SYGD/S530-E2 EVERLIGHT-ELB-1010SYGD/S530-E2 Datasheet
87Kb / 6P
   12.8 * 6.3mm Light Bars
More results

Similar Description - ELB-1010SURD-S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELB-1010SYGD-S530-E2 EVERLIGHT-ELB-1010SYGD-S530-E2 Datasheet
87Kb / 6P
   12.8 * 6.3mm Light Bars
logo
Siemens Semiconductor G...
OLB2600 SIEMENS-OLB2600 Datasheet
44Kb / 1P
   LIGHT BARS
OLB2685 SIEMENS-OLB2685 Datasheet
210Kb / 5P
   LIGHT BARS
logo
Marktech Corporate
MTLB257-HR MARKTECH-MTLB257-HR Datasheet
44Kb / 1P
   LIGHT BARS
logo
Siemens Semiconductor G...
OLB2655 SIEMENS-OLB2655 Datasheet
37Kb / 1P
   LIGHT BARS
OLB2350 SIEMENS-OLB2350 Datasheet
53Kb / 1P
   LIGHT BARS
OLB2620 SIEMENS-OLB2620 Datasheet
43Kb / 1P
   LIGHT BARS
logo
Marktech Corporate
MTLB250-O MARKTECH-MTLB250-O Datasheet
39Kb / 1P
   LIGHT BARS
logo
Siemens Semiconductor G...
OLB2300 SIEMENS-OLB2300 Datasheet
38Kb / 1P
   LIGHT BARS
logo
Marktech Corporate
MTLB251-G MARKTECH-MTLB251-G Datasheet
35Kb / 1P
   LIGHT BARS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com