Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELB-1010SYGD-S530-E2 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # ELB-1010SYGD-S530-E2
Description  12.8 * 6.3mm Light Bars
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELB-1010SYGD-S530-E2 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  ELB-1010SYGD-S530-E2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELB-1010SYGD-S530-E2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELB-1010SYGD-S530-E2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELB-1010SYGD-S530-E2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELB-1010SYGD-S530-E2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELB-1010SYGD-S530-E2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
12.8*6.3mm Light Bars
ELB-1010SYGD/S530-E2
█ Packing Quantity Specification
1.35PCS/tube, 140 tubes/box
2.4Boxes/Carton
Label Form Specification
CPN: Customer's Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Dominant Wavelength
REF: Reference
LOT No: Lot Number
MADE IN CHINA: Production Place
Notes :
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT corporation.
Please don't reproduce or cause anyone to reproduce them without EVERLIGHT'sconsent.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 1
Page: 6 of 6
Device Number :CDDB-101-015
Prepared date:2005/07/13
Prepared by: YanLi Zhong
LOT NO:
ELD-286GWB
QTY:
CPN:
PN:
/
HUE:
REF:
CAT:
MADE IN CHINA
EVERLIGHT
B1010SYGD/S530-E2
EVERLIGHT ELECTRONICS CO., LTD.
Tel: (020) 84860913 , 84860914
Office: 7c Building ,Lian Hua Port lndustrial District, Lian Hua Shan
Fax: (020) 84860600
Bonded Pricessing, Zone Pan Yu, Guang Zhou, China
http:\\www.everlight.com


Similar Part No. - ELB-1010SYGD-S530-E2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELB-1010SURD-S530-A3 EVERLIGHT-ELB-1010SURD-S530-A3 Datasheet
91Kb / 6P
   12.8 * 6.3mm Light Bars
ELB-1010SURD/S530-A3 EVERLIGHT-ELB-1010SURD/S530-A3 Datasheet
91Kb / 6P
   12.8 * 6.3mm Light Bars
More results

Similar Description - ELB-1010SYGD-S530-E2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELB-1010SURD-S530-A3 EVERLIGHT-ELB-1010SURD-S530-A3 Datasheet
91Kb / 6P
   12.8 * 6.3mm Light Bars
logo
Siemens Semiconductor G...
OLB2600 SIEMENS-OLB2600 Datasheet
44Kb / 1P
   LIGHT BARS
OLB2685 SIEMENS-OLB2685 Datasheet
210Kb / 5P
   LIGHT BARS
logo
Marktech Corporate
MTLB257-HR MARKTECH-MTLB257-HR Datasheet
44Kb / 1P
   LIGHT BARS
logo
Siemens Semiconductor G...
OLB2655 SIEMENS-OLB2655 Datasheet
37Kb / 1P
   LIGHT BARS
OLB2350 SIEMENS-OLB2350 Datasheet
53Kb / 1P
   LIGHT BARS
OLB2620 SIEMENS-OLB2620 Datasheet
43Kb / 1P
   LIGHT BARS
logo
Marktech Corporate
MTLB250-O MARKTECH-MTLB250-O Datasheet
39Kb / 1P
   LIGHT BARS
logo
Siemens Semiconductor G...
OLB2300 SIEMENS-OLB2300 Datasheet
38Kb / 1P
   LIGHT BARS
logo
Marktech Corporate
MTLB251-G MARKTECH-MTLB251-G Datasheet
35Kb / 1P
   LIGHT BARS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com