| Electronic Components Datasheet Search |
|
M27C256B-20XF1X Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M27C256B-20XF1X Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 16 page 1/16 August 2002 M27C256B 256 Kbit (32Kb x 8) UV EPROM and OTP EPROM s 5V ± 10% SUPPLY VOLTAGE in READ OPERATION s ACCESS TIME: 45ns s LOW POWER CONSUMPTION: – Active Current 30mA at 5MHz – Standby Current 100µA s PROGRAMMING VOLTAGE: 12.75V ± 0.25V s PROGRAMMING TIME: 100µs/word s ELECTRONIC SIGNATURE – Manufacturer Code: 20h – Device Code: 8Dh DESCRIPTION The M27C256B is a 256 Kbit EPROM offered in the two ranges UV (ultra violet erase) and OTP (one time programmable). It is ideally suited for mi- croprocessor systems and is organized as 32,768 by 8 bits. The FDIP28W (window ceramic frit-seal package) has a transparent lid which allows the user to ex- pose the chip to ultraviolet light to erase the bit pat- tern. A new pattern can then be written to the device by following the programming procedure. For applications where the content is programmed only one time and erasure is not required, the M27C256B is offered in PDIP28, PLCC32 and TSOP28 (8 x 13.4 mm) packages. Figure 1. Logic Diagram AI00755B 15 A0-A14 Q0-Q7 VPP VCC M27C256B G E VSS 8 1 28 28 1 FDIP28W (F) PDIP28 (B) PLCC32 (C) TSOP28 (N) 8 x 13.4 mm |
Similar Part No. - M27C256B-20XF1X |
|
Similar Description - M27C256B-20XF1X |
|
|
|
Link URL |
| Privacy Policy |
| ALLDATASHEET.COM |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |