Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58WR016QT Datasheet(PDF) 1 Page - Numonyx B.V

Part # M58WR016QT
Description  16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WR016QT Datasheet(HTML) 1 Page - Numonyx B.V

  M58WR016QT Datasheet HTML 1Page - Numonyx B.V M58WR016QT Datasheet HTML 2Page - Numonyx B.V M58WR016QT Datasheet HTML 3Page - Numonyx B.V M58WR016QT Datasheet HTML 4Page - Numonyx B.V M58WR016QT Datasheet HTML 5Page - Numonyx B.V M58WR016QT Datasheet HTML 6Page - Numonyx B.V M58WR016QT Datasheet HTML 7Page - Numonyx B.V M58WR016QT Datasheet HTML 8Page - Numonyx B.V M58WR016QT Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 110 page
background image
November 2007
Rev 2
1/110
1
M58WR016QT M58WR016QB
M58WR032QT M58WR032QB
16 Mbit and 32 Mbit (x16, Multiple Bank, Burst)
1.8V supply Flash memories
Feature summary
Supply voltage
–VDD = 1.7V to 2V for Program, Erase and
Read
–VDDQ = 1.7V to 2.24V for I/O Buffers
–VPP = 12V for fast Program (optional)
Synchronous / Asynchronous Read
– Synchronous Burst Read mode: 66MHz
– Asynchronous/ Synchronous Page Read
mode
– Random access: 60ns, 70ns, 80ns
Synchronous Burst Read Suspend
Programming time
– 8µs by Word typical for Fast Factory
Program
– Double/Quadruple Word Program option
– Enhanced Factory Program options
Memory blocks
– Multiple Bank memory array: 4 Mbit Banks
– Parameter blocks (top or bottom location)
Dual operations
– Program Erase in one bank while Read in
others
– No delay between Read and Write
operations
Block locking
– All blocks locked at Power up
– Any combination of blocks can be locked
–WP for Block Lock-Down
Security
– 128 bit user programmable OTP cells
– 64 bit unique device number
Common Flash Interface (CFI)
100,000 program/erase cycles per block
Electronic signature
– Manufacturer Code: 20h
– Device Codes:
M58WR016QT (Top): 8812h.
M58WR016QB (Bottom): 8813h
M58WR032QT (Top): 8814h
M58WR032QB (Bottom): 8815h
ECOPACK® package available
FBGA
VFBGA56 (ZB)
7.7 x 9 mm
www.numonyx.com


Similar Part No. - M58WR016QT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58WR016KL STMICROELECTRONICS-M58WR016KL Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M58WR016KL NUMONYX-M58WR016KL Datasheet
2Mb / 123P
   16-, 32- and 64-Mbit (x 16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58WR016KL60ZA6E STMICROELECTRONICS-M58WR016KL60ZA6E Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M58WR016KL60ZA6E NUMONYX-M58WR016KL60ZA6E Datasheet
2Mb / 123P
   16-, 32- and 64-Mbit (x 16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58WR016KL60ZA6U STMICROELECTRONICS-M58WR016KL60ZA6U Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
More results

Similar Description - M58WR016QT

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M58WR064HT NUMONYX-M58WR064HT Datasheet
1Mb / 111P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
logo
STMicroelectronics
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58WR032ET STMICROELECTRONICS-M58WR032ET Datasheet
558Kb / 81P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58WR032FT STMICROELECTRONICS-M58WR032FT Datasheet
1Mb / 86P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58PR256J STMICROELECTRONICS-M58PR256J Datasheet
842Kb / 114P
   256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
M36W0R5020T0 STMICROELECTRONICS-M36W0R5020T0 Datasheet
184Kb / 26P
   32 Mbit (2Mb x16, Multiple Bank, Burst) Flash Memory and 4 Mbit SRAM, 1.8V Supply Multi-Chip Package
M30L0R7000B0 STMICROELECTRONICS-M30L0R7000B0 Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M58LR128FT STMICROELECTRONICS-M58LR128FT Datasheet
537Kb / 82P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
M58LR128GT STMICROELECTRONICS-M58LR128GT Datasheet
1Mb / 84P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com