Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58WR016QT Datasheet(PDF) 8 Page - Numonyx B.V

Part # M58WR016QT
Description  16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WR016QT Datasheet(HTML) 8 Page - Numonyx B.V

Back Button M58WR016QT Datasheet HTML 4Page - Numonyx B.V M58WR016QT Datasheet HTML 5Page - Numonyx B.V M58WR016QT Datasheet HTML 6Page - Numonyx B.V M58WR016QT Datasheet HTML 7Page - Numonyx B.V M58WR016QT Datasheet HTML 8Page - Numonyx B.V M58WR016QT Datasheet HTML 9Page - Numonyx B.V M58WR016QT Datasheet HTML 10Page - Numonyx B.V M58WR016QT Datasheet HTML 11Page - Numonyx B.V M58WR016QT Datasheet HTML 12Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 110 page
background image
Summary description
M58WR016QT, M58WR016QB, M58WR032QT, M58WR032QB
8/110
1
Summary description
The M58WR016QT/B and M58WR032QT/B are 16 Mbit (1 Mbit x16) and 32 Mbit (2 Mbit
x16) non-volatile Flash memories, respectively. They will be referred to as M58WRxxxQT/B
throughout the document unless otherwise specified.
The M58WRxxxQT/B may be erased electrically at block level and programmed in-system
on a Word-by-Word basis using a 1.7V to 2V VDD supply for the circuitry and a 1.7V to
2.24V VDDQ supply for the Input/Output pins. An optional 12V VPP power supply is provided
to speed up customer programming.
The VPP pin can also be used as a control pin to provide absolute protection against
program or erase.
The device features an asymmetrical block architecture.
M58WR016QT/B has an array of 39 blocks, and is divided into 4 Mbit banks. There are
3 banks each containing 8 main blocks of 32 KWords, and one parameter bank
containing 8 parameter blocks of 4 KWords and 7 main blocks of 32 KWords.
M58WR032QT/B has an array of 71 blocks, and is divided into 4 Mbit banks. There are
7 banks each containing 8 main blocks of 32 KWords, and one parameter bank
containing 8 parameter blocks of 4 KWords and 7 main blocks of 32 KWords.
The Multiple Bank Architecture allows Dual Operations, while programming or erasing in
one bank, Read operations are possible in other banks. Only one bank at a time is allowed
to be in Program or Erase mode. It is possible to perform burst reads that cross bank
boundaries. The bank architectures are summarized in Table 2 and Table 3, and the
memory maps are shown in Figure 3 and Figure 4. The Parameter Blocks are located at the
top of the memory address space for the M58WR016QT and M58WR032QT, and at the
bottom for the M58WR016QB and M58WR032QB.
Each block can be erased separately. Erase can be suspended, in order to perform program
in any other block, and then resumed. Program can be suspended to read data in any other
block and then resumed. Each block can be programmed and erased over 100,000 cycles
using the supply voltage VDD. There are two Enhanced Factory programming commands
available to speed up programming.
Program and Erase commands are written to the Command Interface of the memory. An
internal Program/Erase Controller takes care of the timings necessary for program and
erase operations. The end of a program or erase operation can be detected and any error
conditions identified in the Status Register. The command set required to control the
memory is consistent with JEDEC standards.
The device supports synchronous burst read and asynchronous read from all blocks of the
memory array; at power-up the device is configured for asynchronous read. In synchronous
burst mode, data is output on each clock cycle at frequencies of up to 66MHz. The
synchronous burst read operation can be suspended and resumed.
The device features an Automatic Standby mode. When the bus is inactive during
Asynchronous Read operations, the device automatically switches to the Automatic Standby
mode. In this condition the power consumption is reduced to the standby value IDD4 and the
outputs are still driven.
The M58WRxxxQT/B features an instant, individual block locking scheme that allows any
block to be locked or unlocked with no latency, enabling instant code and data protection. All
blocks have three levels of protection. They can be locked and locked-down individually


Similar Part No. - M58WR016QT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58WR016KL STMICROELECTRONICS-M58WR016KL Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M58WR016KL NUMONYX-M58WR016KL Datasheet
2Mb / 123P
   16-, 32- and 64-Mbit (x 16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58WR016KL60ZA6E STMICROELECTRONICS-M58WR016KL60ZA6E Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M58WR016KL60ZA6E NUMONYX-M58WR016KL60ZA6E Datasheet
2Mb / 123P
   16-, 32- and 64-Mbit (x 16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58WR016KL60ZA6U STMICROELECTRONICS-M58WR016KL60ZA6U Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
More results

Similar Description - M58WR016QT

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M58WR064HT NUMONYX-M58WR064HT Datasheet
1Mb / 111P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
logo
STMicroelectronics
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58WR032ET STMICROELECTRONICS-M58WR032ET Datasheet
558Kb / 81P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58WR032FT STMICROELECTRONICS-M58WR032FT Datasheet
1Mb / 86P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58PR256J STMICROELECTRONICS-M58PR256J Datasheet
842Kb / 114P
   256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
M36W0R5020T0 STMICROELECTRONICS-M36W0R5020T0 Datasheet
184Kb / 26P
   32 Mbit (2Mb x16, Multiple Bank, Burst) Flash Memory and 4 Mbit SRAM, 1.8V Supply Multi-Chip Package
M30L0R7000B0 STMICROELECTRONICS-M30L0R7000B0 Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M58LR128FT STMICROELECTRONICS-M58LR128FT Datasheet
537Kb / 82P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
M58LR128GT STMICROELECTRONICS-M58LR128GT Datasheet
1Mb / 84P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com