Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58WR016QT Datasheet(PDF) 71 Page - Numonyx B.V

Part # M58WR016QT
Description  16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WR016QT Datasheet(HTML) 71 Page - Numonyx B.V

Back Button M58WR016QT Datasheet HTML 67Page - Numonyx B.V M58WR016QT Datasheet HTML 68Page - Numonyx B.V M58WR016QT Datasheet HTML 69Page - Numonyx B.V M58WR016QT Datasheet HTML 70Page - Numonyx B.V M58WR016QT Datasheet HTML 71Page - Numonyx B.V M58WR016QT Datasheet HTML 72Page - Numonyx B.V M58WR016QT Datasheet HTML 73Page - Numonyx B.V M58WR016QT Datasheet HTML 74Page - Numonyx B.V M58WR016QT Datasheet HTML 75Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 110 page
background image
M58WR016QT, M58WR016QB, M58WR032QT, M58WR032QB
DC and AC parameters
71/110
Table 24.
Write AC characteristics, Chip Enable controlled(1)
1.
Sampled only, not 100% tested.
Symbol
Alt
Parameter
M58WRxxxQT/B
Unit
60
70
80
tAVAV
tWC Address Valid to Next Address Valid
Min
60
70
80
ns
tAVEH
Address Valid to Chip Enable High
Min
40
45
50
ns
tAVLH
Address Valid to Latch Enable High
Min
7
9
9
ns
tDVEH
tDS
Data Valid to Chip Enable High
Min
40
45
50
ns
tEHAX
tAH
Chip Enable High to Address Transition
Min
0
0
0
ns
tEHDX
tDH Chip Enable High to Input Transition
Min
0
0
0
ns
tEHEL
tCPH Chip Enable High to Chip Enable Low
Min
20
25
25
ns
tEHGL
Chip Enable High to Output Enable Low
Min
0
0
0
ns
tEHWH
tCH Chip Enable High to Write Enable High
Min
0
0
0
ns
tELKV
Chip Enable Low to Clock Valid
Min
7
9
9
ns
tELEH
tCP
Chip Enable Low to Chip Enable High
Min
40
45
50
ns
tELLH
Chip Enable Low to Latch Enable High
Min
10
10
10
ns
tELQV
Chip Enable Low to Output Valid
Min
60
70
80
ns
tGHEL
Output Enable High to Chip Enable Low
Min
14
17
17
ns
tLHAX
Latch Enable High to Address Transition
Min
7
9
9
ns
tLLLH
Latch Enable Pulse Width
Min
7
9
9
ns
tWHEL
(2)
2.
tWHEL has this value when reading from the targeted bank or when reading from any address after a Set
Configuration Register command has been issued. System designers should take this into account and
may insert a software No-Op instruction to delay the first read in the same bank after issuing any
command, or to delay the first read to any address after issuing a Set Configuration Register command. If
the first read after the command is a Read Array operation in a different bank and no changes to the
Configuration Register have been issued, tWHEL is 0ns.
Write Enable High to Chip Enable Low
Min
20
25
25
ns
tWLEL
tCS
Write Enable Low to Chip Enable Low
Min
0
0
0
ns
tEHVPL
Chip Enable High to VPP Low
Min
200
200
200
ns
tEHWPL
Chip Enable High to Write Protect Low
Min
200
200
200
ns
tQVVPL
Output (Status Register) Valid to VPP Low
Min
0
0
0
ns
tQVWPL
Output (Status Register) Valid to Write
Protect Low
Min
0
0
0
ns
tVPHEH
tVPS VPP High to Chip Enable High
Min
200
200
200
ns
tWPHEH
Write Protect High to Chip Enable High
Min
200
200
200
ns


Similar Part No. - M58WR016QT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58WR016KL STMICROELECTRONICS-M58WR016KL Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M58WR016KL NUMONYX-M58WR016KL Datasheet
2Mb / 123P
   16-, 32- and 64-Mbit (x 16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58WR016KL60ZA6E STMICROELECTRONICS-M58WR016KL60ZA6E Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M58WR016KL60ZA6E NUMONYX-M58WR016KL60ZA6E Datasheet
2Mb / 123P
   16-, 32- and 64-Mbit (x 16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58WR016KL60ZA6U STMICROELECTRONICS-M58WR016KL60ZA6U Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
More results

Similar Description - M58WR016QT

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M58WR064HT NUMONYX-M58WR064HT Datasheet
1Mb / 111P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
logo
STMicroelectronics
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58WR032ET STMICROELECTRONICS-M58WR032ET Datasheet
558Kb / 81P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58WR032FT STMICROELECTRONICS-M58WR032FT Datasheet
1Mb / 86P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58PR256J STMICROELECTRONICS-M58PR256J Datasheet
842Kb / 114P
   256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
M36W0R5020T0 STMICROELECTRONICS-M36W0R5020T0 Datasheet
184Kb / 26P
   32 Mbit (2Mb x16, Multiple Bank, Burst) Flash Memory and 4 Mbit SRAM, 1.8V Supply Multi-Chip Package
M30L0R7000B0 STMICROELECTRONICS-M30L0R7000B0 Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M58LR128FT STMICROELECTRONICS-M58LR128FT Datasheet
537Kb / 82P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
M58LR128GT STMICROELECTRONICS-M58LR128GT Datasheet
1Mb / 84P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com