Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58WR016QT Datasheet(PDF) 34 Page - Numonyx B.V

Part # M58WR016QT
Description  16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WR016QT Datasheet(HTML) 34 Page - Numonyx B.V

Back Button M58WR016QT Datasheet HTML 30Page - Numonyx B.V M58WR016QT Datasheet HTML 31Page - Numonyx B.V M58WR016QT Datasheet HTML 32Page - Numonyx B.V M58WR016QT Datasheet HTML 33Page - Numonyx B.V M58WR016QT Datasheet HTML 34Page - Numonyx B.V M58WR016QT Datasheet HTML 35Page - Numonyx B.V M58WR016QT Datasheet HTML 36Page - Numonyx B.V M58WR016QT Datasheet HTML 37Page - Numonyx B.V M58WR016QT Datasheet HTML 38Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 110 page
background image
Command interface - factory program commands
M58WR016QT, M58WR016QB, M58WR032QT,
34/110
If the Program and Verify Phase has successfully completed the memory returns to Read
mode. If the P/E.C. fails to program and reprogram a given location, the error will be
signaled in the Status Register.
Table 8.
Factory Program commands(1)
Command
Phase
Bus Write Operations
1st
2nd
3rd
Final -1
Final
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Bank Erase
2
BKA
80h
BKA
D0h
Double Word Program(2)
3
BKA or
WA1(3)
35h
WA1
PD1
WA2
PD2
Quadruple Word
Program(4)
5
BKA or
WA1(3)
56h
WA1
PD1
WA2
PD2
WA3
PD3
WA4
PD4
Enhanced
Factory
Program(5)
Setup,
Program
2+
n+1
BKA or
WA1(3)
30h
BA or
WA1(6)
D0h WA1(7) PD1
WAn(8) PAn
NOT
WA1(7)
FFFFh
Verify, Exit
n+1
WA1(7)
PD1
WA2(8)
PD2 WA3(8) PD3
WAn(8) PAn
NOT
WA1(7)
FFFFh
Quadruple
Enhanced
Factory
Program(4)(5)
Setup,
first Load
5
BKA or
WA1(3)
75h
WA1(7)
PD1 WA2(9) PD2
WA3(9) PD3
WA4(9)
PD4
First
Program &
Verify
Automatic
Subsequent
Loads
4WA1i(7)
PD1i
WA2i(9) PD2i WA3i(9) PD3i
WA4i(9) PD4i
Subsequent
Program &
Verify
Automatic
Exit
1
NOT
WA1(7)
FFFFh
1.
WA=Word Address in targeted bank, BKA= Bank Address, PD=Program Data, BA=Block Address.
2.
Word Addresses 1 and 2 must be consecutive Addresses differing only for A0.
3.
Any address within the bank can be used.
4.
Word Addresses 1,2,3 and 4 must be consecutive Addresses differing only for A0 and A1.
5.
A Bus Read must be done between each Write cycle where the data is programmed or verified to read the Status Register
and check that the memory is ready to accept the next data. n = number of Words, i = number of Pages to be programmed.
6.
Any address within the block can be used.
7.
WA1 is the Start Address. NOT WA1 is any address that is not in the same block as WA1.
8.
Address can remain Starting Address WA1 or be incremented.
9.
Address is only checked for the first Word of each Page as the order to program the Words in each page is fixed so
subsequent Words in each Page can be written to any address.


Similar Part No. - M58WR016QT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58WR016KL STMICROELECTRONICS-M58WR016KL Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M58WR016KL NUMONYX-M58WR016KL Datasheet
2Mb / 123P
   16-, 32- and 64-Mbit (x 16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58WR016KL60ZA6E STMICROELECTRONICS-M58WR016KL60ZA6E Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M58WR016KL60ZA6E NUMONYX-M58WR016KL60ZA6E Datasheet
2Mb / 123P
   16-, 32- and 64-Mbit (x 16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58WR016KL60ZA6U STMICROELECTRONICS-M58WR016KL60ZA6U Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
More results

Similar Description - M58WR016QT

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M58WR064HT NUMONYX-M58WR064HT Datasheet
1Mb / 111P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
logo
STMicroelectronics
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58WR032ET STMICROELECTRONICS-M58WR032ET Datasheet
558Kb / 81P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58WR032FT STMICROELECTRONICS-M58WR032FT Datasheet
1Mb / 86P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58PR256J STMICROELECTRONICS-M58PR256J Datasheet
842Kb / 114P
   256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
M36W0R5020T0 STMICROELECTRONICS-M36W0R5020T0 Datasheet
184Kb / 26P
   32 Mbit (2Mb x16, Multiple Bank, Burst) Flash Memory and 4 Mbit SRAM, 1.8V Supply Multi-Chip Package
M30L0R7000B0 STMICROELECTRONICS-M30L0R7000B0 Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M58LR128FT STMICROELECTRONICS-M58LR128FT Datasheet
537Kb / 82P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
M58LR128GT STMICROELECTRONICS-M58LR128GT Datasheet
1Mb / 84P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com