Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58WR064HT Datasheet(PDF) 14 Page - Numonyx B.V

Part # M58WR064HT
Description  64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WR064HT Datasheet(HTML) 14 Page - Numonyx B.V

Back Button M58WR064HT Datasheet HTML 10Page - Numonyx B.V M58WR064HT Datasheet HTML 11Page - Numonyx B.V M58WR064HT Datasheet HTML 12Page - Numonyx B.V M58WR064HT Datasheet HTML 13Page - Numonyx B.V M58WR064HT Datasheet HTML 14Page - Numonyx B.V M58WR064HT Datasheet HTML 15Page - Numonyx B.V M58WR064HT Datasheet HTML 16Page - Numonyx B.V M58WR064HT Datasheet HTML 17Page - Numonyx B.V M58WR064HT Datasheet HTML 18Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 111 page
background image
Signal descriptions
M58WR064HT, M58WR064HB
14/111
2.13
VPP Program Supply Voltage
VPP is both a control input and a power supply pin. The two functions are selected by the
voltage range applied to the pin.
If VPP is kept in a low voltage range (0V to VDDQ) VPP is seen as a control input. In this case
a voltage lower than VPPLK gives an absolute protection against program or erase, while
VPP in the VPP1 range enables these functions (see Tables 20 and 21, DC Characteristics
for the relevant values). VPP is only sampled at the beginning of a program or erase; a
change in its value after the operation has started does not have any effect and program or
erase operations continue.
If VPP is in the range of VPPH it acts as a power supply pin. In this condition VPP must be
stable until the Program/Erase algorithm is completed.
2.14
VSS Ground
VSS ground is the reference for the core supply. It must be connected to the system ground.
2.15
VSSQ Ground
VSSQ ground is the reference for the input/output circuitry driven by VDDQ. VSSQ must be
connected to VSS
Note:
Each device in a system should have VDD, VDDQ and VPP decoupled with a 0.1µF ceramic
capacitor close to the pin (high frequency, inherently low inductance capacitors should be as
close as possible to the package). See Figure 8: AC Measurement Load Circuit. The PCB
track widths should be sufficient to carry the required VPP program and erase currents.


Similar Part No. - M58WR064HT

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M58WR064HL NUMONYX-M58WR064HL Datasheet
2Mb / 114P
64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HL70ZB6E NUMONYX-M58WR064HL70ZB6E Datasheet
2Mb / 114P
64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HL70ZB6U NUMONYX-M58WR064HL70ZB6U Datasheet
2Mb / 114P
64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HU70ZB6E NUMONYX-M58WR064HU70ZB6E Datasheet
2Mb / 114P
64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
More results

Similar Description - M58WR064HT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36WT864TF STMICROELECTRONICS-M36WT864TF Datasheet
624Kb / 92P
64 Mbit 4Mb x16, Multiple Bank, Burst Flash Memory and 8 Mbit 512K x16 SRAM, Multiple Memory Product
M58CR064C STMICROELECTRONICS-M58CR064C Datasheet
1,000Kb / 70P
64 Mbit 4Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
M58MR064C STMICROELECTRONICS-M58MR064C Datasheet
399Kb / 52P
64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58WR064ET STMICROELECTRONICS-M58WR064ET Datasheet
1Mb / 82P
64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
M58LT128GS STMICROELECTRONICS-M58LT128GS Datasheet
693Kb / 98P
128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58WR064T STMICROELECTRONICS-M58WR064T Datasheet
497Kb / 81P
64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
logo
Numonyx B.V
M29DW641F NUMONYX-M29DW641F Datasheet
1Mb / 80P
64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR016QT NUMONYX-M58WR016QT Datasheet
1Mb / 110P
16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com