Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58WR064HT Datasheet(PDF) 11 Page - Numonyx B.V

Part # M58WR064HT
Description  64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WR064HT Datasheet(HTML) 11 Page - Numonyx B.V

Back Button M58WR064HT Datasheet HTML 7Page - Numonyx B.V M58WR064HT Datasheet HTML 8Page - Numonyx B.V M58WR064HT Datasheet HTML 9Page - Numonyx B.V M58WR064HT Datasheet HTML 10Page - Numonyx B.V M58WR064HT Datasheet HTML 11Page - Numonyx B.V M58WR064HT Datasheet HTML 12Page - Numonyx B.V M58WR064HT Datasheet HTML 13Page - Numonyx B.V M58WR064HT Datasheet HTML 14Page - Numonyx B.V M58WR064HT Datasheet HTML 15Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 111 page
background image
M58WR064HT, M58WR064HB
Summary description
11/111
Figure 3.
M58WR064HT/B memory map
AI10572
M58WR064HT - Top Boot Block
Address lines A21-A0
8 Main
Blocks
Bank 15
M58WR064HB - Bottom Boot Block
Address lines A21-A0
32 KWord
000000h
007FFFh
32 KWord
038000h
03FFFFh
32 KWord
300000h
307FFFh
32 KWord
338000h
33FFFFh
32 KWord
340000h
347FFFh
32 KWord
378000h
37FFFFh
32 KWord
380000h
387FFFh
32 KWord
3B8000h
3BFFFFh
32 KWord
3C0000h
3C7FFFh
32 KWord
3F0000h
3F7FFFh
4 KWord
3F8000h
3F8FFFh
4 KWord
3FF000h
3FFFFFh
8 Parameter
Blocks
Parameter
Bank
Parameter
Bank
4 KWord
000000h
000FFFh
4KWord
007000h
007FFFh
32 KWord
008000h
00FFFFh
32 KWord
038000h
03FFFFh
32 KWord
040000h
047FFFh
32 KWord
078000h
07FFFFh
32 KWord
080000h
087FFFh
32 KWord
0B8000h
0BFFFFh
32 KWord
0C0000h
0C7FFFh
32 KWord
0F8000h
0FFFFFh
32 KWord
3C0000h
3C7FFFh
32 KWord
3F8000h
3FFFFFh
Bank 3
Bank 2
Bank 1
Bank 15
Bank 3
Bank 2
Bank 1
8 Main
Blocks
8 Main
Blocks
8 Main
Blocks
7 Main
Blocks
8 Parameter
Blocks
7 Main
Blocks
8 Main
Blocks
8 Main
Blocks
8 Main
Blocks
8 Main
Blocks


Similar Part No. - M58WR064HT

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M58WR064HL NUMONYX-M58WR064HL Datasheet
2Mb / 114P
64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HL70ZB6E NUMONYX-M58WR064HL70ZB6E Datasheet
2Mb / 114P
64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HL70ZB6U NUMONYX-M58WR064HL70ZB6U Datasheet
2Mb / 114P
64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HU70ZB6E NUMONYX-M58WR064HU70ZB6E Datasheet
2Mb / 114P
64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
More results

Similar Description - M58WR064HT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36WT864TF STMICROELECTRONICS-M36WT864TF Datasheet
624Kb / 92P
64 Mbit 4Mb x16, Multiple Bank, Burst Flash Memory and 8 Mbit 512K x16 SRAM, Multiple Memory Product
M58CR064C STMICROELECTRONICS-M58CR064C Datasheet
1,000Kb / 70P
64 Mbit 4Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
M58MR064C STMICROELECTRONICS-M58MR064C Datasheet
399Kb / 52P
64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58WR064ET STMICROELECTRONICS-M58WR064ET Datasheet
1Mb / 82P
64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
M58LT128GS STMICROELECTRONICS-M58LT128GS Datasheet
693Kb / 98P
128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58WR064T STMICROELECTRONICS-M58WR064T Datasheet
497Kb / 81P
64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
logo
Numonyx B.V
M29DW641F NUMONYX-M29DW641F Datasheet
1Mb / 80P
64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR016QT NUMONYX-M58WR016QT Datasheet
1Mb / 110P
16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com