Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58WR064HT Datasheet(PDF) 10 Page - Numonyx B.V

Part # M58WR064HT
Description  64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WR064HT Datasheet(HTML) 10 Page - Numonyx B.V

Back Button M58WR064HT Datasheet HTML 6Page - Numonyx B.V M58WR064HT Datasheet HTML 7Page - Numonyx B.V M58WR064HT Datasheet HTML 8Page - Numonyx B.V M58WR064HT Datasheet HTML 9Page - Numonyx B.V M58WR064HT Datasheet HTML 10Page - Numonyx B.V M58WR064HT Datasheet HTML 11Page - Numonyx B.V M58WR064HT Datasheet HTML 12Page - Numonyx B.V M58WR064HT Datasheet HTML 13Page - Numonyx B.V M58WR064HT Datasheet HTML 14Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 111 page
background image
Summary description
M58WR064HT, M58WR064HB
10/111
Figure 2.
VFBGA Package Connections (Top view through package)
Table 2.
M58WR064HT/B Bank architecture
Number
Bank Size
Parameter Blocks
Main Blocks
Parameter Bank
4 Mbits
8 blocks of 4 KWords
7 blocks of 32 KWords
Bank 1
4 Mbits
-
8 blocks of 32 KWords
Bank 2
4 Mbits
-
8 blocks of 32 KWords
Bank 3
4 Mbits
-
8 blocks of 32 KWords
Bank 14
4 Mbits
-
8 blocks of 32 KWords
Bank 15
4 Mbits
-
8 blocks of 32 KWords
AI10571c
DQ1
DQ13
DQ3
DQ12
DQ6
DQ8
D
A1
A3
A6
A9
A12
A15
C
A2
A5
A17
A18
A10
B
A4
A7
A19
VPP
A8
A11
A13
A
8
7
6
5
4
3
2
1
A20
G
F
E
VSS
VDD
K
RP
L
W
A14
WAIT
A16
WP
VDDQ
DQ4
DQ2
E
A0
VSS
DQ15
DQ14
DQ11
DQ10
DQ9
DQ0
G
DQ7
VSSQ
DQ5
VDD
VDDQ
VSSQ
A21
NC


Similar Part No. - M58WR064HT

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M58WR064HL NUMONYX-M58WR064HL Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HL70ZB6E NUMONYX-M58WR064HL70ZB6E Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HL70ZB6U NUMONYX-M58WR064HL70ZB6U Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HU70ZB6E NUMONYX-M58WR064HU70ZB6E Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
More results

Similar Description - M58WR064HT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
logo
Numonyx B.V
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR016QT NUMONYX-M58WR016QT Datasheet
1Mb / 110P
   16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
logo
STMicroelectronics
M58WR064ET STMICROELECTRONICS-M58WR064ET Datasheet
1Mb / 82P
   64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
M58WR064T STMICROELECTRONICS-M58WR064T Datasheet
497Kb / 81P
   64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
M58MR064C STMICROELECTRONICS-M58MR064C Datasheet
399Kb / 52P
   64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M36WT864TF STMICROELECTRONICS-M36WT864TF Datasheet
624Kb / 92P
   64 Mbit 4Mb x16, Multiple Bank, Burst Flash Memory and 8 Mbit 512K x16 SRAM, Multiple Memory Product
M58LT128GS STMICROELECTRONICS-M58LT128GS Datasheet
693Kb / 98P
   128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
M58CR064C STMICROELECTRONICS-M58CR064C Datasheet
1,000Kb / 70P
   64 Mbit 4Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
logo
Numonyx B.V
M29DW641F NUMONYX-M29DW641F Datasheet
1Mb / 80P
   64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com