Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7219CNG Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX7219CNG
Description  Serially Interfaced, 8-Digit LED Display Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7219CNG Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX7219CNG Datasheet HTML 8Page - Maxim Integrated Products MAX7219CNG Datasheet HTML 9Page - Maxim Integrated Products MAX7219CNG Datasheet HTML 10Page - Maxim Integrated Products MAX7219CNG Datasheet HTML 11Page - Maxim Integrated Products MAX7219CNG Datasheet HTML 12Page - Maxim Integrated Products MAX7219CNG Datasheet HTML 13Page - Maxim Integrated Products MAX7219CNG Datasheet HTML 14Page - Maxim Integrated Products MAX7219CNG Datasheet HTML 15Page - Maxim Integrated Products MAX7219CNG Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Serially Interfaced, 8-Digit LED Display Drivers
12
______________________________________________________________________________________
AND2307SLC
ANODE DP
ANODE A
ANODE F
ANODE B
ANODE G
ANODE C
ANODE E
ANODE D
5
7
9
6
10
4
2
1N5524B
5.6V
±5%
3
88
SEG D
SEG E
SEG C
SEG G
SEG B
SEG F
SEG A
SEG DP
GND
NC1
NC2
IN1
*4.7k
Ω PULLUP REQUIRED FOR MAX7221
( ) MAX7221 ONLY
IN2
NO1
NO2
4
3
8
7
1
10
2
5
9
GND
DIN
LOAD (CS)
ISFT
V+
16
COM1
COM2
DIG 1
DIG 0
DATA IN
LOAD (CS)
CLOCK
CLK
4.7k
4.7k
-5V
5V
2
11
18
19
*
*
IRF540
30k
IRF540
23
21
20
17
16
15
14
22
4
9
1
12
13
CATHODE
ANODE DP
ANODE A
ANODE F
ANODE B
ANODE G
ANODE C
ANODE E
ANODE D
5
7
9
6
10
4
2
3
CATHODE
AND2307SLC
MAX7219
MAX7221
MAX394
0.1
µF
Figure 2. MAX7219/MAX7221 Driving 2.3in Displays


Similar Part No. - MAX7219CNG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7219CNG MAXIM-MAX7219CNG Datasheet
186Kb / 16P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7219CNG MAXIM-MAX7219CNG Datasheet
946Kb / 17P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
More results

Similar Description - MAX7219CNG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
logo
ams AG
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
Serially Interfaced, 8-Digit LED Driver
AS1105 AMSCO-AS1105 Datasheet
142Kb / 12P
Serially Interfaced, 4-Digit LED Driver
AS1100 AMSCO-AS1100_1 Datasheet
396Kb / 17P
Serially Interfaced, 8-Digit LED Driver
AS1105 AMSCO-AS1105_1 Datasheet
554Kb / 15P
Serially Interfaced, 4-Digit LED Driver
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
logo
ams AG
AS1100 AMSCO-AS1100_12 Datasheet
1Mb / 17P
Serially Interfaced, 8-Digit LED Driver
AS1105 AMSCO-AS1105_07 Datasheet
200Kb / 16P
Serially Interfaced, 4-Digit LED Driver
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
Serially Interfaced, 8-Digit LED Display Drivers
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com