Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M36L0T7050T2 Datasheet(PDF) 20 Page - Numonyx B.V

Part # M36L0T7050T2
Description  128 Mbit (Multiple Bank, Multi-Level, Burst) Flash memory and 32 Mbit (2Mb x16) PSRAM, Multi-Chip Package
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M36L0T7050T2 Datasheet(HTML) 20 Page - Numonyx B.V

Back Button M36L0T7050T2 Datasheet HTML 14Page - Numonyx B.V M36L0T7050T2 Datasheet HTML 15Page - Numonyx B.V M36L0T7050T2 Datasheet HTML 16Page - Numonyx B.V M36L0T7050T2 Datasheet HTML 17Page - Numonyx B.V M36L0T7050T2 Datasheet HTML 18Page - Numonyx B.V M36L0T7050T2 Datasheet HTML 19Page - Numonyx B.V M36L0T7050T2 Datasheet HTML 20Page - Numonyx B.V M36L0T7050T2 Datasheet HTML 21Page - Numonyx B.V M36L0T7050T2 Datasheet HTML 22Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Part numbering
M36L0T7050T2, M36L0T7050B2
20/22
7
Part numbering
Devices are shipped from the factory with the memory content bits erased to ’1’. For a list of
available options (Speed, Package, etc.) or for further information on any aspect of this
device, please contact the Numonyx Sales Office nearest to you.
Table 7.
Ordering information scheme
Example:
M36 L
0 T
7
0 5
0
T
2
ZAQ F
Device Type
M36 = Multi-Chip Package (Flash + RAM)
Flash 1 Architecture
L = Multilevel, Multiple Bank, Burst mode
Flash 2 Architecture
0 = No Die
Operating Voltage
T = VDDF = 1.7 to 1.95V; VDDQ = VCCP = 2.7 to 3.1V
Flash 1 Density
7 = 128 Mbit
Flash 2 Density
0 = No Die
RAM 1 Density
5 = 32 Mbit
RAM 0 Density
0 = No Die
Parameter Blocks Location
T = Top Boot Block Flash
B = Bottom Boot Block Flash
Product Version
2 = 90nm Flash technology and Multi-Level design, 85ns speed; 0.13µm RAM, 65ns
speed
Package
ZAQ = Stacked TFBGA88 8x10mm - 8x10 active ball array, 0.8mm pitch
Option
Blank = Standard Packing
T = Tape & Reel Packing
E = ECOPACK® package, standard packing
F = ECOPACK® package, tape and reel packing


Similar Part No. - M36L0T7050T2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36L0T7050T0 STMICROELECTRONICS-M36L0T7050T0 Datasheet
361Kb / 18P
   128Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32Mbit (2M x16) PSRAM, Multi-Chip Package
M36L0T7050T0ZAQE STMICROELECTRONICS-M36L0T7050T0ZAQE Datasheet
361Kb / 18P
   128Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32Mbit (2M x16) PSRAM, Multi-Chip Package
M36L0T7050T0ZAQF STMICROELECTRONICS-M36L0T7050T0ZAQF Datasheet
361Kb / 18P
   128Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32Mbit (2M x16) PSRAM, Multi-Chip Package
M36L0T7050T0ZAQT STMICROELECTRONICS-M36L0T7050T0ZAQT Datasheet
361Kb / 18P
   128Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32Mbit (2M x16) PSRAM, Multi-Chip Package
More results

Similar Description - M36L0T7050T2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36L0R7050T0 STMICROELECTRONICS-M36L0R7050T0 Datasheet
406Kb / 18P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32 Mbit (2M x16) PSRAM, 1.8V Supply Multi-Chip Package
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0_06 Datasheet
214Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9070E0 NUMONYX-M36P0R9070E0 Datasheet
468Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36L0R7040T0 STMICROELECTRONICS-M36L0R7040T0 Datasheet
352Kb / 18P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 16 Mbit PSRAM, 1.8V Supply, Multi-Chip Package
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36LLR8760T1 STMICROELECTRONICS-M36LLR8760T1 Datasheet
427Kb / 19P
   256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36W0R5020T0 STMICROELECTRONICS-M36W0R5020T0 Datasheet
184Kb / 26P
   32 Mbit (2Mb x16, Multiple Bank, Burst) Flash Memory and 4 Mbit SRAM, 1.8V Supply Multi-Chip Package
M36W0R6040T0 STMICROELECTRONICS-M36W0R6040T0 Datasheet
346Kb / 18P
   64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com