Electronic Components Datasheet Search |
|
M29W640FT Datasheet(PDF) 24 Page - Numonyx B.V |
|
M29W640FT Datasheet(HTML) 24 Page - Numonyx B.V |
24 / 71 page Command interface M29W640FT, M29W640FB 24/71 4.2.3 Octuple Byte Program command This is used to write eight adjacent Bytes, in x8 mode, simultaneously. The addresses of the eight Bytes must differ only in A1, A0 and DQ15A-1. Nine bus write cycles are necessary to issue the command: 1. The first bus cycle sets up the command. 2. The second bus cycle latches the Address and the Data of the first Byte to be written. 3. The third bus cycle latches the Address and the Data of the second Byte to be written. 4. The fourth bus cycle latches the Address and the Data of the third Byte to be written. 5. The fifth bus cycle latches the Address and the Data of the fourth Byte to be written. 6. The sixth bus cycle latches the Address and the Data of the fifth Byte to be written. 7. The seventh bus cycle latches the Address and the Data of the sixth Byte to be written. 8. The eighth bus cycle latches the Address and the Data of the seventh Byte to be written. 9. The ninth bus cycle latches the Address and the Data of the eighth Byte to be written and starts the Program/Erase Controller. 4.2.4 Double Word Program command The Double Word Program command is used to write a page of two adjacent Words in parallel. The two Words must differ only for the address A0. Three bus write cycles are necessary to issue the Double Word Program command. ● The first bus cycle sets up the Quadruple Word Program Command. ● The second bus cycle latches the Address and the Data of the first Word to be written. ● The third bus cycle latches the Address and the Data of the second Word to be written and starts the Program/Erase Controller. After the program operation has completed the memory will return to the Read mode, unless an error has occurred. When an error occurs Bus Read operations will continue to output the Status Register. A Read/Reset command must be issued to reset the error condition and return to Read mode. Note that the Fast Program commands cannot change a bit set at ’0’ back to ’1’. One of the Erase Commands must be used to set all the bits in a block or in the whole memory from ’0’ to ’1’. Typical Program times are given in Table 8: Program, Erase times and Program, Erase Endurance cycles. |
Similar Part No. - M29W640FT |
|
Similar Description - M29W640FT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |