Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W640FT Datasheet(PDF) 12 Page - Numonyx B.V

Part # M29W640FT
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W640FT Datasheet(HTML) 12 Page - Numonyx B.V

Back Button M29W640FT Datasheet HTML 8Page - Numonyx B.V M29W640FT Datasheet HTML 9Page - Numonyx B.V M29W640FT Datasheet HTML 10Page - Numonyx B.V M29W640FT Datasheet HTML 11Page - Numonyx B.V M29W640FT Datasheet HTML 12Page - Numonyx B.V M29W640FT Datasheet HTML 13Page - Numonyx B.V M29W640FT Datasheet HTML 14Page - Numonyx B.V M29W640FT Datasheet HTML 15Page - Numonyx B.V M29W640FT Datasheet HTML 16Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
Signal descriptions
M29W640FT, M29W640FB
12/71
2.7
Write Enable (W)
The Write Enable, W, controls the Bus Write operation of the memory’s Command Interface.
2.8
VPP/Write Protect (VPP/WP)
The VPP/Write Protect pin provides two functions. The VPP function allows the memory to
use an external high voltage power supply to reduce the time required for Unlock Bypass
Program operations. The Write Protect function provides a hardware method of protecting
the two outermost boot blocks. The VPP/Write Protect pin must not be left floating or
unconnected.
When VPP/Write Protect is Low, VIL, the memory protects the two outermost boot blocks;
Program and Erase operations in this block are ignored while VPP/Write Protect is Low, even
when RP is at VID.
When VPP/Write Protect is High, VIH, the memory reverts to the previous protection status
of the two outermost boot blocks. Program and Erase operations can now modify the data in
the two outermost boot blocks unless the block is protected using Block Protection.
Applying VPPH to the VPP/WP pin will temporarily unprotect any block previously protected
(including the two outermost parameter blocks) using a High Voltage Block Protection
technique (In-System or Programmer technique). See Table 3: Hardware protection for
details.
When VPP/Write Protect is raised to VPP the memory automatically enters the Unlock
Bypass mode. When VPP/Write Protect returns to VIH or VIL normal operation resumes.
During Unlock Bypass Program operations the memory draws IPP from the pin to supply the
programming circuits. See the description of the Unlock Bypass command in the Command
Interface section. The transitions from VIH to VPP and from VPP to VIH must be slower than
tVHVPP, see Figure 13: Accelerated Program Timing waveforms.
Never raise VPP/Write Protect to VPP from any mode except Read mode, otherwise the
memory may be left in an indeterminate state.
A 0.1µF capacitor should be connected between the VPP/Write Protect pin and the VSS
Ground pin to decouple the current surges from the power supply. The PCB track widths
must be sufficient to carry the currents required during Unlock Bypass Program, IPP.
Table 3.
Hardware protection
VPP/WP
RP
Function
VIL
VIH
2 outermost parameter blocks protected from Program/Erase operations
VID
All blocks temporarily unprotected except the 2 outermost blocks
VIH or VID
VID
All blocks temporarily unprotected
VPPH
VIH or VID
All blocks temporarily unprotected


Similar Part No. - M29W640FT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
M29W640FT60N6E STMICROELECTRONICS-M29W640FT60N6E Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
M29W640FT60N6F STMICROELECTRONICS-M29W640FT60N6F Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
M29W640FT60ZA6E STMICROELECTRONICS-M29W640FT60ZA6E Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
M29W640FT60ZA6F STMICROELECTRONICS-M29W640FT60ZA6F Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
More results

Similar Description - M29W640FT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M29W640GH NUMONYX-M29W640GH Datasheet
1Mb / 90P
   64 Mbit (8Mb x8 or 4Mb x16, Page) 3V supply Flash memory
M29DW640F NUMONYX-M29DW640F Datasheet
1Mb / 74P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
September 2004
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640CT STMICROELECTRONICS-M28W640CT Datasheet
393Kb / 54P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640FCB STMICROELECTRONICS-M28W640FCB Datasheet
1Mb / 55P
   64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com