Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W640FT Datasheet(PDF) 55 Page - Numonyx B.V

Part # M29W640FT
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W640FT Datasheet(HTML) 55 Page - Numonyx B.V

Back Button M29W640FT Datasheet HTML 51Page - Numonyx B.V M29W640FT Datasheet HTML 52Page - Numonyx B.V M29W640FT Datasheet HTML 53Page - Numonyx B.V M29W640FT Datasheet HTML 54Page - Numonyx B.V M29W640FT Datasheet HTML 55Page - Numonyx B.V M29W640FT Datasheet HTML 56Page - Numonyx B.V M29W640FT Datasheet HTML 57Page - Numonyx B.V M29W640FT Datasheet HTML 58Page - Numonyx B.V M29W640FT Datasheet HTML 59Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 71 page
background image
M29W640FT, M29W640FB
Block addresses
55/71
99
64/32
Protection Group
5C0000h-5CFFFFh
2E0000h–2E7FFFh
100
64/32
5D0000h-5DFFFFh
2E8000h–2EFFFFh
101
64/32
5E0000h-5EFFFFh
2F0000h–2F7FFFh
102
64/32
5F0000h-5FFFFFh
2F8000h–2FFFFFh
103
64/32
Protection Group
600000h-60FFFFh
300000h–307FFFh
104
64/32
610000h-61FFFFh
308000h–30FFFFh
105
64/32
620000h-62FFFFh
310000h–317FFFh
106
64/32
630000h-63FFFFh
318000h–31FFFFh
107
64/32
Protection Group
640000h-64FFFFh
320000h–327FFFh
108
64/32
650000h-65FFFFh
328000h–32FFFFh
109
64/32
660000h-66FFFFh
330000h–337FFFh
110
64/32
670000h-67FFFFh
338000h–33FFFFh
111
64/32
Protection Group
680000h-68FFFFh
340000h–347FFFh
112
64/32
690000h-69FFFFh
348000h–34FFFFh
113
64/32
6A0000h-6AFFFFh
350000h–357FFFh
114
64/32
6B0000h-6BFFFFh
358000h–35FFFFh
115
64/32
Protection Group
6C0000h-6CFFFFh
360000h–367FFFh
116
64/32
6D0000h-6DFFFFh
368000h–36FFFFh
117
64/32
6E0000h-6EFFFFh
370000h–377FFFh
118
64/32
6F0000h-6FFFFFh
378000h–37FFFFh
119
64/32
Protection Group
700000h-70FFFFh
380000h–387FFFh
120
64/32
710000h-71FFFFh
388000h–38FFFFh
121
64/32
720000h-72FFFFh
390000h–397FFFh
122
64/32
730000h-73FFFFh
398000h–39FFFFh
123
64/32
Protection Group
740000h-74FFFFh
3A0000h–3A7FFFh
124
64/32
750000h-75FFFFh
3A8000h–3AFFFFh
125
64/32
760000h-76FFFFh
3B0000h–3B7FFFh
126
64/32
770000h-77FFFFh
3B8000h–3BFFFFh
127
64/32
Protection Group
780000h-78FFFFh
3C0000h–3C7FFFh
128
64/32
790000h-79FFFFh
3C8000h–3CFFFFh
129
64/32
7A0000h-7AFFFFh
3D0000h–3D7FFFh
130
64/32
7B0000h-7BFFFFh
3D8000h–3DFFFFh
Table 22.
Bottom Boot Block addresses, M29W640FB (continued)
Block
KBytes/KWords
Protection Block Group
(x8)
(x16)


Similar Part No. - M29W640FT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
M29W640FT60N6E STMICROELECTRONICS-M29W640FT60N6E Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
M29W640FT60N6F STMICROELECTRONICS-M29W640FT60N6F Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
M29W640FT60ZA6E STMICROELECTRONICS-M29W640FT60ZA6E Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
M29W640FT60ZA6F STMICROELECTRONICS-M29W640FT60ZA6F Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
More results

Similar Description - M29W640FT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M29W640GH NUMONYX-M29W640GH Datasheet
1Mb / 90P
   64 Mbit (8Mb x8 or 4Mb x16, Page) 3V supply Flash memory
M29DW640F NUMONYX-M29DW640F Datasheet
1Mb / 74P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
September 2004
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640CT STMICROELECTRONICS-M28W640CT Datasheet
393Kb / 54P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640FCB STMICROELECTRONICS-M28W640FCB Datasheet
1Mb / 55P
   64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com