Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W640FT Datasheet(PDF) 53 Page - Numonyx B.V

Part # M29W640FT
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W640FT Datasheet(HTML) 53 Page - Numonyx B.V

Back Button M29W640FT Datasheet HTML 49Page - Numonyx B.V M29W640FT Datasheet HTML 50Page - Numonyx B.V M29W640FT Datasheet HTML 51Page - Numonyx B.V M29W640FT Datasheet HTML 52Page - Numonyx B.V M29W640FT Datasheet HTML 53Page - Numonyx B.V M29W640FT Datasheet HTML 54Page - Numonyx B.V M29W640FT Datasheet HTML 55Page - Numonyx B.V M29W640FT Datasheet HTML 56Page - Numonyx B.V M29W640FT Datasheet HTML 57Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 71 page
background image
M29W640FT, M29W640FB
Block addresses
53/71
35
64/32
Protection Group
1C0000h-1CFFFFh
0E0000h–0E7FFFh
36
64/32
1D0000h-1DFFFFh
0E8000h–0EFFFFh
37
64/32
1E0000h-1EFFFFh
0F0000h–0F7FFFh
38
64/32
1F0000h-1FFFFFh
0F8000h–0FFFFFh
39
64/32
Protection Group
200000h-20FFFFh
100000h–107FFFh
40
64/32
210000h-21FFFFh
108000h–10FFFFh
41
64/32
220000h-22FFFFh
110000h–117FFFh
42
64/32
230000h-23FFFFh
118000h–11FFFFh
43
64/32
Protection Group
240000h-24FFFFh
120000h–127FFFh
44
64/32
250000h-25FFFFh
128000h–12FFFFh
45
64/32
260000h-26FFFFh
130000h–137FFFh
46
64/32
270000h-27FFFFh
138000h–13FFFFh
47
64/32
Protection Group
280000h-28FFFFh
140000h–147FFFh
48
64/32
290000h-29FFFFh
148000h–14FFFFh
49
64/32
2A0000h-2AFFFFh
150000h–157FFFh
50
64/32
2B0000h-2BFFFFh
158000h–15FFFFh
51
64/32
Protection Group
2C0000h-2CFFFFh
160000h–167FFFh
52
64/32
2D0000h-2DFFFFh
168000h–16FFFFh
53
64/32
2E0000h-2EFFFFh
170000h–177FFFh
54
64/32
2F0000h-2FFFFFh
178000h–17FFFFh
55
64/32
Protection Group
300000h-30FFFFh
180000h–187FFFh
56
64/32
310000h-31FFFFh
188000h–18FFFFh
57
64/32
320000h-32FFFFh
190000h–197FFFh
58
64/32
330000h-33FFFFh
198000h–19FFFFh
59
64/32
Protection Group
340000h-34FFFFh
1A0000h–1A7FFFh
60
64/32
350000h-35FFFFh
1A8000h–1AFFFFh
61
64/32
360000h-36FFFFh
1B0000h–1B7FFFh
62
64/32
370000h-37FFFFh
1B8000h–1BFFFFh
63
64/32
Protection Group
380000h-38FFFFh
1C0000h–1C7FFFh
64
64/32
390000h-39FFFFh
1C8000h–1CFFFFh
65
64/32
3A0000h-3AFFFFh
1D0000h–1D7FFFh
66
64/32
3B0000h-3BFFFFh
1D8000h–1DFFFFh
Table 22.
Bottom Boot Block addresses, M29W640FB (continued)
Block
KBytes/KWords
Protection Block Group
(x8)
(x16)


Similar Part No. - M29W640FT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
M29W640FT60N6E STMICROELECTRONICS-M29W640FT60N6E Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
M29W640FT60N6F STMICROELECTRONICS-M29W640FT60N6F Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
M29W640FT60ZA6E STMICROELECTRONICS-M29W640FT60ZA6E Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
M29W640FT60ZA6F STMICROELECTRONICS-M29W640FT60ZA6F Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
More results

Similar Description - M29W640FT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M29W640GH NUMONYX-M29W640GH Datasheet
1Mb / 90P
   64 Mbit (8Mb x8 or 4Mb x16, Page) 3V supply Flash memory
M29DW640F NUMONYX-M29DW640F Datasheet
1Mb / 74P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
September 2004
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640CT STMICROELECTRONICS-M28W640CT Datasheet
393Kb / 54P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640FCB STMICROELECTRONICS-M28W640FCB Datasheet
1Mb / 55P
   64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com