Electronic Components Datasheet Search |
|
M29W640FT Datasheet(PDF) 34 Page - Numonyx B.V |
|
M29W640FT Datasheet(HTML) 34 Page - Numonyx B.V |
34 / 71 page Maximum rating M29W640FT, M29W640FB 34/71 6 Maximum rating Stressing the device above the rating listed in the Absolute Maximum Ratings table may cause permanent damage to the device. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Refer also to the STMicroelectronics SURE Program and other relevant quality documents. Table 10. Absolute maximum ratings Symbol Parameter Min Max Unit TBIAS Temperature under bias –50 125 °C TSTG Storage temperature –65 150 °C VIO Input or Output voltage(1)(2) 1. Minimum voltage may undershoot to –2V during transition and for less than 20ns during transitions. 2. Maximum voltage may overshoot to VCC +2V during transition and for less than 20ns during transitions. –0.6 VCC +0.6 V VCC Supply voltage –0.6 4 V VID Identification voltage –0.6 13.5 V VPP (3) 3. VPP must not remain at 12V for more than a total of 80hrs. Program voltage –0.6 13.5 V |
Similar Part No. - M29W640FT |
|
Similar Description - M29W640FT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |