Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29DW641F Datasheet(PDF) 33 Page - Numonyx B.V

Part # M29DW641F
Description  64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29DW641F Datasheet(HTML) 33 Page - Numonyx B.V

Back Button M29DW641F Datasheet HTML 29Page - Numonyx B.V M29DW641F Datasheet HTML 30Page - Numonyx B.V M29DW641F Datasheet HTML 31Page - Numonyx B.V M29DW641F Datasheet HTML 32Page - Numonyx B.V M29DW641F Datasheet HTML 33Page - Numonyx B.V M29DW641F Datasheet HTML 34Page - Numonyx B.V M29DW641F Datasheet HTML 35Page - Numonyx B.V M29DW641F Datasheet HTML 36Page - Numonyx B.V M29DW641F Datasheet HTML 37Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
M29DW641F
Command interface
33/80
6.3
Block Protection commands
Blocks or groups of blocks can be protected against accidental program, Erase or Read
Operations. The Protection Groups are shown in
Appendix A, Table 28: Block Addresses.
The device block protection scheme is shown in
Figure 6: Software Protection scheme and
Figure 5: Block Protection state diagram. See Table 10: Block Protection commands, for a
summary of the Block Protection commands.
Only the commands related to the Extended Block Protection are available in both 8 bit and
16 bit memory configuration. The other block protection commands are available in 16-bit
configuration only.
6.3.1
Enter Extended Block command
The M29DW641F has one extra 128-Word block (Extended Block) that can only be
accessed using the Enter Extended Block command.
Three Bus Write cycles are required to issue the Extended Block command. Once the
command has been issued the device enters Extended Block mode where all Bus Read or
Program Operations to the Extended Block Addresses (see
Table 28: Block Addresses).
The Extended Block cannot be erased, and can be treated as one-time programmable
(OTP) memory. In Extended Block mode only array cell locations (Bank A) with the same
addresses as the Extended Block are not accessible. In Extended Block mode Dual
Operations are allowed and the Extended Block physically belongs to Bank A.
In Extended Block mode, Erase, Chip Erase, Erase Suspend and Erase resume commands
are not allowed.
To exit from the Extended Block mode the Exit Extended Block command must be issued.
The Extended Block can be protected by setting the Extended Block Protection bit to ‘1’;
however once protected the protection cannot be undone.
6.3.2
Exit Extended Block command
The Exit Extended Block command is used to exit from the Extended Block mode and return
the device to Read mode. Four Bus Write Operations are required to issue the command.
6.3.3
Set Extended Block Protection bit command
The Set Extended Block Protection bit command programs the Extended Block Protection
bit to ‘1’ thus preventing the second section of the Extended Block from being programmed.
A Read/Reset command must be issued to abort a Set Extended Block Protection bit
command.
Six successive steps are required to issue the Set Extended Block Protection bit command.
1.
The command starts with two unlock cycles.
2.
The third Bus Write cycle sets up the Set Extended Block Protection bit command.
3.
The last three cycles verify the value programmed at the Extended Block Protection bit
address: if bit DQ0 of Data Inputs/Outputs is set to ’1’, it indicates that the Extended
Block Protection bit has been successfully programmed. If DQ0 is ‘0’, the Set Extended
Block Protection bit command must be issued and verified again.


Similar Part No. - M29DW641F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1 STMICROELECTRONICS-M29DW640D70N1 Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1 STMICROELECTRONICS-M29DW640D70N1 Datasheet
1Mb / 15P
   FLASH NOR HIGH DENSITY & CONSUMER
M29DW640D70N1E STMICROELECTRONICS-M29DW640D70N1E Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1E STMICROELECTRONICS-M29DW640D70N1E Datasheet
1Mb / 15P
   FLASH NOR HIGH DENSITY & CONSUMER
More results

Similar Description - M29DW641F

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29DW640F NUMONYX-M29DW640F Datasheet
1Mb / 74P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640CT STMICROELECTRONICS-M28W640CT Datasheet
393Kb / 54P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640FCB STMICROELECTRONICS-M28W640FCB Datasheet
1Mb / 55P
   64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
   64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com