Electronic Components Datasheet Search |
|
M29DW641F Datasheet(PDF) 29 Page - Numonyx B.V |
|
|
M29DW641F Datasheet(HTML) 29 Page - Numonyx B.V |
29 / 80 page M29DW641F Command interface 29/80 Further issuing of the Resume command is ignored. Another Program Suspend command can be written after the device has resumed programming. 6.1.10 Program command The Program command can be used to program a value to one address in the memory array at a time. The command requires four Bus Write Operations, the final Write Operation latches the address and data in the internal state machine and starts the Program/Erase Controller. Programming can be suspended and then resumed by issuing a Program Suspend command and a Program Resume command, respectively (see Section 6.1.8: Program Suspend command and Section 6.1.9: Program Resume command). If the address falls in a protected block then the Program command is ignored, the data remains unchanged. The Status Register is never read and no error condition is given. After programming has started, Bus Read Operations in the Bank being programmed output the Status Register content, while Bus Read Operations to the other Bank output the contents of the memory array. See the section on the Status Register for more details. Typical program times are given in Table 12. After the Program Operation has completed the memory will return to the Read mode, unless an error has occurred. When an error occurs Bus Read Operations to the Bank where the command was issued will continue to output the Status Register. A Read/Reset command must be issued to reset the error condition and return to Read mode. One of the Erase commands must be used to set all the bits in a block or in the whole memory from ’0’ to ’1’. 6.1.11 Verify command The Verify command is used to check if a block is blank or in other words, if it has been successfully erased and all its bits set to ’1’. It reads the value of the Error bit DQ5. If the Error bit is set to ’1’, it indicates that the operation failed. Three cycles are required to issue a Verify command: 1. The command starts with two unlock cycles. 2. The third Bus Write cycle sets up the Verify command code along with the address of the block to be checked. |
Similar Part No. - M29DW641F |
|
Similar Description - M29DW641F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |