Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29DW641F Datasheet(PDF) 22 Page - Numonyx B.V

Part # M29DW641F
Description  64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29DW641F Datasheet(HTML) 22 Page - Numonyx B.V

Back Button M29DW641F Datasheet HTML 18Page - Numonyx B.V M29DW641F Datasheet HTML 19Page - Numonyx B.V M29DW641F Datasheet HTML 20Page - Numonyx B.V M29DW641F Datasheet HTML 21Page - Numonyx B.V M29DW641F Datasheet HTML 22Page - Numonyx B.V M29DW641F Datasheet HTML 23Page - Numonyx B.V M29DW641F Datasheet HTML 24Page - Numonyx B.V M29DW641F Datasheet HTML 25Page - Numonyx B.V M29DW641F Datasheet HTML 26Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 80 page
background image
Software Protection
M29DW641F
22/80
5.1.2
Non-volatile Protection
A Non-Volatile Modify Protection bit is assigned to each block or group of blocks.
When a Non-Volatile Modify Protection bit is set to ‘1’, the associated block or group of
blocks is protected, preventing any Program or Erase Operations in this block or group of
blocks.
The Non-Volatile Modify Protection bits are set individually by issuing a Set Non-Volatile
Modify Protection bit command. They are non-volatile and will remain set through a
hardware reset or a power-down/power-up sequence.
The Non-Volatile Modify Protection bits cannot be cleared individually, they can only be
cleared all at the same time by issuing a Clear Non-Volatile Modify Protection bits
command.
The device features a volatile Lock-Down bit which can be used to prevent changing the
state of the Non-Volatile Modify Protection bits. When set to ‘1’, the Non-Volatile Modify
Protection bits can no longer be modified; when set to ‘0’, the Non-Volatile Modify Protection
bits can be set and reset using the Set Non-Volatile Modify Protection bit command and the
Clear Non-Volatile Modify Protection bits command, respectively.
The Lock-Down bit is set by issuing the Set Lock-Down bit command. It is not cleared using
a command, but through a hardware reset or a power-down/power-up sequence.
The part is shipped with the Non-Volatile Modify Protection bits set to ‘0’.
Locked blocks and Non-Volatile Locked blocks can co-exist in the same memory array.
Refer to
Table 7: Block Protection status and Figure 6: Software Protection scheme for
details on the block protection mechanism.
5.2
Password Protection mode
The Password Protection mode provides a more advanced level of software protection than
the Standard Protection mode.
Prior to entering the Password Protection mode, it is necessary to set a password and to
verify it (see
Section 6.3.5: Password Program command and Section 6.3.6: Password
Verify command). The Password Protection mode is then activated by programming the
Password Protection mode Lock bit to ‘1’. This operation is not reversible and once the bit is
programmed the device will permanently remain in the Password Protection mode.
The Password Protection mode uses the same protection mechanisms as the Standard
Protection mode (Block Lock/Unlock, Non-volatile Protection).
5.2.1
Block Lock/Unlock Protection
The Block Lock/Unlock Protection operates exactly in the same way as in the Standard
Protection mode.


Similar Part No. - M29DW641F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1 STMICROELECTRONICS-M29DW640D70N1 Datasheet
945Kb / 55P
64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1 STMICROELECTRONICS-M29DW640D70N1 Datasheet
1Mb / 15P
FLASH NOR HIGH DENSITY & CONSUMER
M29DW640D70N1E STMICROELECTRONICS-M29DW640D70N1E Datasheet
945Kb / 55P
64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1E STMICROELECTRONICS-M29DW640D70N1E Datasheet
1Mb / 15P
FLASH NOR HIGH DENSITY & CONSUMER
More results

Similar Description - M29DW641F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W640CT STMICROELECTRONICS-M28W640CT Datasheet
393Kb / 54P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M28W640FCB STMICROELECTRONICS-M28W640FCB Datasheet
1Mb / 55P
64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
logo
Numonyx B.V
M29DW640F NUMONYX-M29DW640F Datasheet
1Mb / 74P
64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com