Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29DW641F Datasheet(PDF) 14 Page - Numonyx B.V

Part # M29DW641F
Description  64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29DW641F Datasheet(HTML) 14 Page - Numonyx B.V

Back Button M29DW641F Datasheet HTML 10Page - Numonyx B.V M29DW641F Datasheet HTML 11Page - Numonyx B.V M29DW641F Datasheet HTML 12Page - Numonyx B.V M29DW641F Datasheet HTML 13Page - Numonyx B.V M29DW641F Datasheet HTML 14Page - Numonyx B.V M29DW641F Datasheet HTML 15Page - Numonyx B.V M29DW641F Datasheet HTML 16Page - Numonyx B.V M29DW641F Datasheet HTML 17Page - Numonyx B.V M29DW641F Datasheet HTML 18Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
Signal descriptions
M29DW641F
14/80
technique (In-System or Programmer technique). See
Table 6: Hardware Protection for
details.
The VPP/Write Protect pin must not be left floating or unconnected or the device may
become unreliable. A 0.1µF capacitor should be connected between the VPP/Write Protect
pin and the VSS Ground pin to decouple the current surges from the power supply. The PCB
track widths must be sufficient to carry the currents required during Unlock Bypass Program,
IPP.
2.7
Reset/Block Temporary Unprotect (RP)
The Reset/Block Temporary Unprotect pin can be used to apply a Hardware Reset to the
memory or to temporarily unprotect all the blocks previously protected using a High voltage
Block Protection technique (In-System or Programmer technique).
Note that if VPP/WP is at VIL, then the four outermost parameter blocks will remain protected
even if RP is at VID.
A Hardware Reset is achieved by holding Reset/Block Temporary Unprotect Low, VIL, for at
least tPLPX.
If RP is asserted during a Program or Erase Operation, the RB pin remains Low (busy), until
the internal Reset Operation is completed, which requires a tPLYH time (see Figure 18:
Reset/Block Temporary Unprotect during Program/Erase Operation AC waveforms). The RB
signal can be monitored by the system microprocessor to determine whether the Reset
Operation is completed or not.
If RP is asserted when no Program or Erase Operation is ongoing, the RB pin remains high,
VIH. A tPHEL or tPHGL delay elapses before the Reset Operation is completed and RP returns
to High, VIH. After this delay, the memory is ready for Bus Read and Bus Write Operations.
Holding RP at VID will temporarily unprotect all the blocks previously protected using a High
voltage Block Protection technique. Program and Erase Operations on all blocks will be
possible. The transition from VIH to VID must be slower than tPHPHH.
See the Ready/Busy Output section,
Table 24: Reset/Block Temporary Unprotect AC
characteristics and Figure 18: Reset/Block Temporary Unprotect during Program/Erase
Operation AC waveforms for more details.
2.8
Ready/Busy Output (RB)
The Ready/Busy pin is an open-drain output that can be used to identify when the device is
performing a Program or Erase Operation. During Program or Erase Operations
Ready/Busy is Low, VOL. Ready/Busy is high-impedance during Read mode, Auto Select
mode and Erase Suspend mode.
After a Hardware Reset, Bus Read and Bus Write Operations cannot begin until
Ready/Busy becomes high-impedance. See
Table 24 and Figure 18: Reset/Block
Temporary Unprotect during Program/Erase Operation AC waveforms.
The use of an open-drain output allows the Ready/Busy pins from several memories to be
connected to a single pull-up resistor. A Low will then indicate that one, or more, of the
memories is busy.


Similar Part No. - M29DW641F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1 STMICROELECTRONICS-M29DW640D70N1 Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1 STMICROELECTRONICS-M29DW640D70N1 Datasheet
1Mb / 15P
   FLASH NOR HIGH DENSITY & CONSUMER
M29DW640D70N1E STMICROELECTRONICS-M29DW640D70N1E Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1E STMICROELECTRONICS-M29DW640D70N1E Datasheet
1Mb / 15P
   FLASH NOR HIGH DENSITY & CONSUMER
More results

Similar Description - M29DW641F

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29DW640F NUMONYX-M29DW640F Datasheet
1Mb / 74P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640CT STMICROELECTRONICS-M28W640CT Datasheet
393Kb / 54P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640FCB STMICROELECTRONICS-M28W640FCB Datasheet
1Mb / 55P
   64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
   64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com