Electronic Components Datasheet Search |
|
M29DW641F Datasheet(PDF) 41 Page - Numonyx B.V |
|
M29DW641F Datasheet(HTML) 41 Page - Numonyx B.V |
41 / 80 page M29DW641F Status Register 41/80 7 Status Register The M29DW641F has one Status Register. The Status Register provides information on the current or previous Program or Erase Operations executed in each bank. The various bits convey information and errors on the operation. Bus Read Operations from any address within the Bank, always read the Status Register during Program and Erase Operations. It is also read during Erase Suspend when an address within a block being erased is accessed. The bits in the Status Register are summarized in Table 13: Status Register bits. 7.1 Data polling bit (DQ7) The Data Polling bit can be used to identify whether the Program/Erase Controller has successfully completed its operation or if it has responded to an Erase Suspend. The Data Polling bit is output on DQ7 when the Status Register is read. During Program Operations the Data Polling bit outputs the complement of the bit being programmed to DQ7. After successful completion of the Program Operation the memory returns to Read mode and Bus Read Operations from the address just programmed output DQ7, not its complement. During Erase Operations the Data Polling bit outputs ’0’, the complement of the erased state of DQ7. After successful completion of the Erase Operation the memory returns to Read mode. In Erase Suspend mode the Data Polling bit will output a ’1’ during a Bus Read Operation within a block being erased. The Data Polling bit will change from a ’0’ to a ’1’ when the Program/Erase Controller has suspended the Erase Operation. Figure 7: Data polling flowchart, gives an example of how to use the Data Polling bit. A Valid Address is the address being programmed or an address within the block being erased. 7.2 Toggle bit (DQ6) The Toggle bit can be used to identify whether the Program/Erase Controller has successfully completed its Operation or if it has responded to an Erase Suspend. The Toggle bit is output on DQ6 when the Status Register is read. During Program and Erase Operations the Toggle bit changes from ’0’ to ’1’ to ’0’, etc., with successive Bus Read Operations at any address. After successful completion of the operation the memory returns to Read mode. During Erase Suspend mode the Toggle bit will output when addressing a cell within a block being erased. The Toggle bit will stop toggling when the Program/Erase Controller has suspended the Erase Operation. Figure 8: Toggle flowchart, gives an example of how to use the Data Toggle bit. Figure 15 and Figure 16 describe Toggle bit timing waveform. |
Similar Part No. - M29DW641F |
|
Similar Description - M29DW641F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |