Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29DW641F Datasheet(PDF) 38 Page - Numonyx B.V

Part # M29DW641F
Description  64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29DW641F Datasheet(HTML) 38 Page - Numonyx B.V

Back Button M29DW641F Datasheet HTML 34Page - Numonyx B.V M29DW641F Datasheet HTML 35Page - Numonyx B.V M29DW641F Datasheet HTML 36Page - Numonyx B.V M29DW641F Datasheet HTML 37Page - Numonyx B.V M29DW641F Datasheet HTML 38Page - Numonyx B.V M29DW641F Datasheet HTML 39Page - Numonyx B.V M29DW641F Datasheet HTML 40Page - Numonyx B.V M29DW641F Datasheet HTML 41Page - Numonyx B.V M29DW641F Datasheet HTML 42Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 80 page
background image
Command interface
M29DW641F
38/80
Table 10.
Block Protection commands
Command
Bus Write Operations(1)(2)(3)
1st
2nd
3rd
4th
5th
6th
7th
Add Data Add Data Add Data Add
Data
Add
Data
Add
Data
Add Data
Set Extended
Block
Protection bit(4)
6
555
AA
2AA
55
555
60
OW
68
OW
48
OW
DQ0
Verify Extended
Block
Protection bit
4
555
AA
2AA
55
555
60
OW
DQ0
Enter Extended
Block
3
555
AA
2AA
55
555
88
Exit Extended
Block
4
555
AA
2AA
55
555
90
X
00
Password
Program(4)
4
555
AA
2AA
55
555
38
X
[0-3]
PW
[0-3]
Password
Verify
4
555
AA
2AA
55
555
C8
PWA
[0-3]
RPW
[0-3]
Password
Protection
Unlock
7
555
AA
2AA
55
555
28
PWA
[0]
RPW
[0]
PWA
[1]
RPW
[1]
PWA
[2]
RPW
[2]
PW
[3]
RPW
[3]
Set Password
Protection
mode(4)(5)
6
555
AA
2AA
55
555
60
PL
68
PL
48
PL
DQ0
Verify
Password
Protection
mode
4
555
AA
2AA
55
555
60
PL
DQ0
Set Non-
Volatile Modify
Protection bit
(4)(5)
6
555
AA
2AA
55
555
60
(BA)/
NVMP
68
(BA)/
NVMP
48
(BA)/
NVMP
DQ0
Verify Non-
Volatile Modify
Protection bit
4
555
AA
2AA
55
555
60
(BA)/
NVMP
48
(BA)/
NVMP
DQ0
Clear Non-
Volatile Modify
Protection
bits(6)(7)
6
555
AA
2AA
55
555
60
NVMP
60
(BA)/
NVMP
40
(BA)/
NVMP
DQ0
Set Lock-Down
bit
3
555
AA
2AA
55
555
78
Verify Lock-
Down bit
4
555
AA
2AA
55
555
58
BA
DQ1
Set Lock bit
4
555
AA
2AA
55
555
48
BA
X1h
Clear Lock bit
4
555
AA
2AA
55
555
48
BA
X0h


Similar Part No. - M29DW641F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1 STMICROELECTRONICS-M29DW640D70N1 Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1 STMICROELECTRONICS-M29DW640D70N1 Datasheet
1Mb / 15P
   FLASH NOR HIGH DENSITY & CONSUMER
M29DW640D70N1E STMICROELECTRONICS-M29DW640D70N1E Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1E STMICROELECTRONICS-M29DW640D70N1E Datasheet
1Mb / 15P
   FLASH NOR HIGH DENSITY & CONSUMER
More results

Similar Description - M29DW641F

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29DW640F NUMONYX-M29DW640F Datasheet
1Mb / 74P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640CT STMICROELECTRONICS-M28W640CT Datasheet
393Kb / 54P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640FCB STMICROELECTRONICS-M28W640FCB Datasheet
1Mb / 55P
   64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
   64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com