Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29DW128F Datasheet(PDF) 48 Page - Numonyx B.V

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29DW128F Datasheet(HTML) 48 Page - Numonyx B.V

Back Button M29DW128F Datasheet HTML 44Page - Numonyx B.V M29DW128F Datasheet HTML 45Page - Numonyx B.V M29DW128F Datasheet HTML 46Page - Numonyx B.V M29DW128F Datasheet HTML 47Page - Numonyx B.V M29DW128F Datasheet HTML 48Page - Numonyx B.V M29DW128F Datasheet HTML 49Page - Numonyx B.V M29DW128F Datasheet HTML 50Page - Numonyx B.V M29DW128F Datasheet HTML 51Page - Numonyx B.V M29DW128F Datasheet HTML 52Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 94 page
background image
Command interface
M29DW128F
48/94
Table 17.
Protection Command Addresses
Bit
Condition
Address Inputs A7-A0
Other Address Inputs
Password Protection Mode Lock bit Address
(PL)
RP at VIH
00001010
X
RP at VID
10001010
X
Standard Protection Mode Lock bit Address (SL)
00010010
X
Non-Volatile Modify Protection bit Address (NVMP)
00000010
Block Protection Group
Address
Extended Block Protection bit Address (OW)
00011010
X
Table 18.
Program, Erase Times and Program, Erase Endurance Cycles
Parameter
Min
Typ(1)(2)
Max(2)
Unit
Chip Erase
80
400(3)
s
Block Erase (64 kbytes)
0.8
6(4)
s
Erase Suspend Latency Time
50(4)
µs
Byte Program
Single or Multiple byte Program
(1, 2, 4 or 8 bytes at-a-time)
10
200(3)
µs
Write to Buffer and Program
(64 bytes at-a-time)
VPP/WP =VPPH
90
700(3)
µs
VPP/WP=VIH
280
1400(3)
µs
Word Program
Single or Multiple Word Program
(1, 2 or 4 Words at-a-time)
10
200(3)
µs
Write to Buffer and Program
(32 Words at-a-time)
VPP/WP=VPPH
90
700(3)
µs
VPP/WP=VIH
280
1400(3)
µs
Chip Program (byte by byte)
80
400(3)
s
Chip Program (Word by Word)
40
200(3)
s
Chip Program (Quadruple byte or Double Word)
20
100(3)
s
Chip Program (Octuple byte or Quadruple Word)
10
50(3)
s
Program Suspend Latency Time
5
15
µs
Program/Erase Cycles (per Block)
100,000
cycles
Data Retention
20
years
1.
Typical values measured at room temperature and nominal voltages.
2.
Sampled, but not 100% tested.
3.
Maximum value measured at worst case conditions for both temperature and VCC after 100,00 program/erase cycles.
4.
Maximum value measured at worst case conditions for both temperature and VCC.


Similar Part No. - M29DW128F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW128F STMICROELECTRONICS-M29DW128F Datasheet
719Kb / 93P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
August 2005 Rev 1.0
M29DW128F STMICROELECTRONICS-M29DW128F Datasheet
756Kb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
M29DW128F60NF1 STMICROELECTRONICS-M29DW128F60NF1 Datasheet
719Kb / 93P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
August 2005 Rev 1.0
M29DW128F60NF1 STMICROELECTRONICS-M29DW128F60NF1 Datasheet
756Kb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
M29DW128F60NF1E STMICROELECTRONICS-M29DW128F60NF1E Datasheet
719Kb / 93P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
August 2005 Rev 1.0
More results

Similar Description - M29DW128F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW128F STMICROELECTRONICS-M29DW128F Datasheet
719Kb / 93P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
August 2005 Rev 1.0
M29DW128F STMICROELECTRONICS-M29DW128F_06 Datasheet
756Kb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
logo
Numonyx B.V
M29DW640F NUMONYX-M29DW640F Datasheet
1Mb / 74P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M29DW641F NUMONYX-M29DW641F Datasheet
1Mb / 80P
   64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29W640GH NUMONYX-M29W640GH Datasheet
1Mb / 90P
   64 Mbit (8Mb x8 or 4Mb x16, Page) 3V supply Flash memory
M29DW127G70NF6E NUMONYX-M29DW127G70NF6E Datasheet
1Mb / 95P
   128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com