Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 31 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 31 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 27Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 28Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 29Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 30Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 31Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 32Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 33Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 34Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 35Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 31 of 153
5.4.7
Write Burst Address Register (WBURREG)
Table 5-8 describes the Write Burst Address register fields. These must be programmed before issuing a Burst-Write operation.
5.4.8
Next-free Address Register (NFA)
The NFA register is used only when the device operates in the Non-Enhanced mode. The NFA register’s Index field (Table 5-9)
holds the address of the highest priority free entry in the table. When the table is full, the Index field will be set to all 1s. When all
entries in the device is full, the Ayama 10000 will assert FULO[1:0] to “11”.
Table 5-8. Write Burst Register Description
Field
Range
(decimal)
Initial Value
(binary)
Description
INDEX
[N:0]
0
Index. This field is used to identify the starting address of the data or mask
array in a Burst-Write operation. The NSE will automatically increment the
value by one after each successive Write of the data or mask array. It must
be reinitialized before the next Burst-Write operation. N = 17 for
CYNSE10512, 16 for CYNSE10256, 15 for CYNSE10128.
[18:M]
Reserved. M = 18 for CYNSE10512, 17 for CYNSE10256, 16 for
CYNSE10128.
BLEN
[27:19]
0
Length of Burst Access. The device provides the capability to Write from
4 to 511 locations in a single burst. The NSE automatically decrements the
value by one after each successive writing of the data or mask array. It must
be reinitialized before the next Burst-Write operation.
[71:28]
Reserved.
Table 5-9. NFA Register Description
Field
Range
(decimal)
Initial Value
(binary)
Description
Index
[N:0]
0
Index. The address index of the next-free entry location. N = 17 for
CYNSE10512, 16 for CYNSE10256, 15 for CYNSE10128.
[71:M]
Reserved. M = 18 for CYNSE10512, 17 for CYNSE10256, 16 for
CYNSE10128.
7
15
23
0
39
47
55
31
63
71
INDEX
BLEN
N = 15 for CYNSE10128
N = 16 for CYNSE10256
N = 17 for CYNSE10512
Figure 5-14. Write Burst Address Register
7
15
23
0
39
47
55
31
63
71
INDEX
N = 15 for CYNSE10128
N = 16 for CYNSE10256
N = 17 for CYNSE10512
Figure 5-15. Next-free Address Register
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com