Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 26Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 27Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 28Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 29Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 30Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 31Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 32Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 33Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 30 of 153
5.4.5
Information Register (INFO)
Table 5-6 describes the information register fields.
5.4.6
Read Burst Address Register (RBURREG)
Table 5-7 shows the Read Burst Address register fields. These must be programmed before issuing a Burst-Read operation.
Table 5-6. Information Register Description
Field
Range
(decimal)
Initial Value
(binary)
Description
REV
[3:0]
0001
Device Revision Number.
IMPL
[6:4]
001
Implementation Number.
Reserved
[7]
0
Reserved.
DEVID
[15:8]
0001 0100
Device Identification Number for CYNSE10128.
0001 0101
Device Identification Number for CYNSE10256.
0001 0110
Device Identification Number for CYNSE10512.
MANID
[33:16]
00 00000 000 1101 1100 Manufacturer ID.
Reserved
[71:34]
Reserved.
Table 5-7. Read Burst Register Description
Field
Range
(decimal)
Initial Value
(binary)
Description
INDEX
[N:0]
0
Index. This field is used to identify the starting address of the data or mask array in a Burst-
Read operation. The NSE will automatically increment the value by one after each
successive Read of the data or mask array. It must be reinitialized before the next Burst-
Read operation. N = 17 for CYNSE10512, 16 for CYNSE10256, 15 for CYNSE10128.
[18:M]
Reserved. M = 18 for CYNSE10512, 17 for CYNSE10256, 16 for CYNSE10128.
BLEN
[27:19]
0
Length of Burst Access. The device provides the capability to Read from 4 to 511 locations
in a single burst. The NSE automatically decrements the value by one after each successive
reading of the data or mask array. It must be reinitialized before the next Burst-Read
operation.
[71:28]
Reserved.
7
15
23
0
39
47
55
31
63
71
REV
IMPL
DEVID
MANID
Figure 5-12. Information Register
N = 16 for CYNSE10256
N = 15 for CYNSE10128
N = 17 for CYNSE10512
7
15
23
0
39
47
55
31
63
71
INDEX
BLEN
Figure 5-13. Read Burst Register
N = 15 for CYNSE10128
N = 16 for CYNSE10256
N = 17 for CYNSE10512
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
NETWORK SEARCH ENGINE
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
logo
Integrated Device Techn...
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
Network Search Engine 256K x 72 Entries
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
NETWORK SEARCH ENGINE 64K x 72 Entries
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
Network Search Engine
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com