Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 24Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 25Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 26Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 27Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 28Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 29Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 30Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 31Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 28 of 153
5.4.4
Command Register (COMMAND)
Table 5-5 describes the command register fields. This register is expected to be initialized by the user right after reset before
performing any Read, Write, Learn, Search, or Parity operations and thereafter not changed during normal operation. The user
must also wait for at least 32 CLK2X cycles after a write to the COMMAND register before issuing the next command.
Table 5-4. Search Successful Register Description
Field
Range
(decimal)
Initial Value
(binary)
Description
INDEX
[N:0]
0
Index. This is the address of the 72-bit entry where a successful search occurs. This index
is updated if the device is either a local or global winner in a Search operation. N = 17 for
CYNSE10512, 16 for CYNSE10256, 15 for CYNSE10128.
If a hit occurs in a 144-bit table, the least-significant bit (LSB) is cleared to 0.
If a hit occurs in a 288-bit table, the two LSBs are cleared to 0.
If a hit occurs in a 576-bit table, the three LSBs are cleared to 0.
[29:N + 1]
Reserved.
GVAL
[30]
0
Global Valid. Valid only in Enhanced mode. It is updated when the device performs a
Search operation. It is set to 1 when there is no hit anywhere in the cascade and this device
is the last one in the cascade (LDEV field in CMD register is set to 1). Otherwise it is cleared
to 0. When set to 1, the device is responsible for responding to broadcast PIO operation.
VAL
[31]
0
Valid. This field is updated when the device performs a Search operation. It is set to 1 only
when the device is a global winner. Otherwise it will be cleared to 0.
[71:32]
Reserved.
Table 5-5. Command Register Description
Field
Range
(decimal)
Initial Value
(binary)
Description
SRST
[0]
0
Software Reset. If set to 1, this bit resets the device with the same effect as a hardware
reset. Internally, it generates a reset pulse lasting for eight CLK2X cycles. This bit automat-
ically resets to 0 after the reset pulse is deasserted.
DEVE
[1]
0
Device Enable. If 0, it keeps the SRAM bus (SADR, WE_L, CE_L, OE_L and ALE_L), SSF,
and SSV signals in a three-state condition and forces the cascade interface output signals
LHO[1:0] and BHO[2:0] to 0. It also keeps the DQ bus in input mode. The purpose is to make
sure that there are no bus contentions when the device powers up. Set this bit to 1 when the
device is ready for operation.
TLSZ
[3:2]
10
Table Size. This field increases the pipeline latency of the Search and Learn operations as
well as the Read and Write accesses to the SRAM. Once programmed, it is expected to not
be changed.
Affected signals in both Enhanced and Non-Enhanced Modes:
SADR, CE_L, OE_L, WE_L, ALE_L, SSV, SSF, and ACK.
Affected signals only in Enhanced Mode:
FULL and MULTI_HIT.
Latency in number of CLK cycles:
“00”: 4 cycles
“01”: 5 cycle
“10”: 6 cycles
“11”: Reserved/Invalid
When HIGH_SPEED1 is set to 1, “00” is not supported.
When HIGH_SPEED2 is set to 1, “00” and “01” are not supported.
7
15
23
0
39
47
55
31
63
71
CFGA
Figure 5-11. Command Register
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com