Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 24 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 20Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 21Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 22Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 23Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 24Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 25Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 26Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 27Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 24 of 153
Internal register for configuration: HARDWARE.
5.2.1
ASIC Interface
The ASIC Interface includes all signals for data that comes in from and out to a system’s processing unit, which could be an
application specific (ASIC) or a more generic network processing unit (NPU and NCP). It supports LVCMOS and HSTL I/O
standards. LVCMOS allows the I/O signals to run at a rate of up to 100 MHz (CLK1X; Double data rate in MultiSearch operation).
With HSTL, the I/O signals can run at a rate of up to 133 MHz (CLK1X; Double data rate in MultiSearch operation).
The ASIC Interface includes the Command and DQ bus signal group. CMD[10:0] carries the command and its associated
parameter. DQ[71:0] is used for data transfer to and from the database entries, which are comprised of data and mask fields that
are organized as data and mask arrays. The DQ bus carries Search data (of the data and mask arrays and internal registers)
during the Search command as well as the address and data during Read and/or Write operations. The DQ bus also carries
address information for the direct accesses to the external SRAM.
5.2.2
SRAM Interface
The SRAM Interface includes output only signals that are used to interact with SRAM memory devices. As with the ASIC Interface,
it supports LVCMOS and HSTL I/O standards. LVCMOS allows the I/O signals to run at a rate of up to 100 MHz (200-MHz double
data rate with MultiSearch operation). With HSTL, the I/O signals can run at a rate of up to 133 MHz (266-MHz double date rate
with MultiSearch operation).
5.2.3
Cascade Interface
The Cascade Interface is used for cascading multiple Ayama 10000 devices in a system. It supports LVCMOS and HSTL I/O
standards that can run up to 133 MHz in all operation modes. The Cascade Interface power supply is the same power supply
that the ASIC Interface uses. Thus the selection of the I/O standard used for the Cascade Interface depends on the I/O Standard
selected for the ASIC Interface.
When multiple NSEs are cascaded to create large databases, the data being searched is presented to all NSEs in the cascaded
system simultaneously. If multiple matches occur, arbitration logic on the NSEs will enable the winning device (the one with a
matching entry closest to address 0 of the cascaded database) to drive the SRAM bus. User can set the default device to respond
to an operation when a Search operation does not result in a Search Hit. Refer to Section 5.3 for more information.
CASCADE
CASCADE
Ayama 10000
CASCADE
CASCADE
Ayama 10000
CASCADE
CASCADE
Ayama 10000
CASCADE
CASCADE
Ayama 10000
From ASIC
To SRAMs (Associative)
To ASIC (Index)
or
Figure 5-7. Ayama 10000 I/O Interfaces
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com