Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 18Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 19Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 20Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 21Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 22Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 23Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 24Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 25Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 22 of 153
5.1.2.4 MultiSearch
When MultiSearch is activated, the Core is divided into two separate arrays. Each array is organized into 64/32/16 blocks
(corresponds to CYNSE10512/CYNSE10256/CYNSE10128, respectively) of 2K 72-bit entries. Each block can be configured to
be of width x72, x144, x288, or x576. This separation allows a Search operation to simultaneously perform the search across
both arrays. The output signals will run at double data rate to effectively increase the throughput to a maximum of 266 million
searches per second. Each array can have multiple tables with different widths. Single-Search operation outputs are driven at
the rising edge of CLK1X. When the device has the MultiSearch feature enabled and MultiSearch operation is issued (Single-
Search can still be issued even when MultiSearch is enabled), the output is driven at both rising and falling edges of CLK1X
(rising edge of CLK2X). Output from Array 0 is driven at the rising edge while output from Array 1 is driven at the falling edge of
CLK1X. Figure 5-6 shows an illustration of the MultiSearch operation.
Both arrays will use the same Search key except for search operation on 72-bit wide tables. So does the selection of the Global
Mask Register (GMR) and Comparand Register (CMPR) as listed in Table 5-2.
cycle
cycle
cycle
cycle
cycle
cycle
READ
PARITY
1
2
345
6
CLK2X
CMDV
CMD[1:0]
PARERR_L
DQ
CMD[10:2]
A
B
PHS_L
cycle
7
cycle
8
cycle
9
cycle
10
Figure 5-5. Timing Diagram of a Core Parity Error (TLSZ=00)
T
T+1
T+2
T+3
T+4
T+5
x72
x72
x576
SEARCH
Array 0
Array 1
RESULT0 RESULT1
Time
x72
x144
x288
Figure 5-6. MultiSearch Operation Overview
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
NETWORK SEARCH ENGINE
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
logo
Integrated Device Techn...
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
Network Search Engine 256K x 72 Entries
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
NETWORK SEARCH ENGINE 64K x 72 Entries
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
Network Search Engine
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com