Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 16Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 17Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 18Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 19Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 20Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 21Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 22Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 23Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 20 of 153
mable Soft Priority value that becomes part of the search key when Soft Priority feature is enabled. This feature eases the
management of the tables, especially for table expansion. Each sub-block also has a Priority Valid bit that can be used to set the
Soft Priority value of the sub-block to invalid state which will also prevent the sub-block from participating in a search operation.
Figure 5-3 shows the associations of the sub-blocks and Soft Priority.
Internal registers for configuration: CMD, CPR and BPR.
5.1.2.3 Parity
Ayama 10000 introduces parity to provide additional protection for data integrity. Parity checking can be performed both on the
data transmission that passes through DQ bus and the data stored in the Core (data and mask arrays). The Parity feature can
be enabled through the PARITY register. DQ Bus and Core parity checking can be independently enabled. When parity checking
is enabled, a Write operation ignores any masking and all bits are written as presented in the DQ bus.
Even Parity is used in the parity checking. For example, if there is an odd number of logic-1 bits in a word, the corresponding
parity bit will be set High in order for the combination (word and parity bit) to have even parity.
When an error is detected, the device will update the PARITY register and set the parity error flag (PARERR_L) to report the error.
Parity status is not cascaded. However, PARERR_L is an open-drain signal to allow signals from cascaded Ayama 10000 devices
to be connected together and provide cascaded parity error detection. Therefore, the AC timing parameters associated with the
signal (rise time/fall time) will be dependent on the loading conditions. Note that all parity status fields in PARITY and BPAR
registers needs to be cleared by the ASIC after fixing the errors.
Internal registers for configuration: PARITY and BPAR.
DQ Bus Parity
The DQ bus is divided into even-bits and odd-bits groups for parity checking. Parity bits of both even- and odd-bits groups are
provided in the bidirectional PAR[1:0]. When the ASIC is driving the DQ bus, the ASIC must generate the parity bits. When the
NSE is driving the DQ bus, the NSE will generate the parity bits.
When the ASIC is driving the DQ bus, the NSE will calculate the data stream parity and compare it to PAR[1:0]. When there is
an error, the NSE will update the PARITY register and set PARERR_L to 0. PARERR_L is valid on the (3+T)th cycle of latency
for a Read operation and (4+T)th cycle of latency for the other operations. T is the cycle where the bus parity error is detected.
When a DQ bus parity error is detected, the NSE must be reset and reinitialized.
Figure 5.4 shows the timing diagram of a DQ Bus Parity error during a 288-bit Search instruction. In cycle 1B the parity of the
odd DQ bits is shown to be ‘1’ while the corresponding parity bit (PAR[1]) is ‘0’ (should be High for parity check to result in a
‘0’).The PARERR_L signal goes Low 4 cycles after the error is detected.
Block 0
Block 1
Block 2
Block N
2K x 72
512 x 72
Sub-Block 0
Sub-Block 1
Sub-Block 2
Sub-Block 3
V0
V1
V2
V3
N = 127 for CYNSE10512
63 for CYNSE10256
31 for CYNSE10128
Figure 5-3. Sub-Blocks and Soft Priority Associations
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
NETWORK SEARCH ENGINE
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
logo
Integrated Device Techn...
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
Network Search Engine 256K x 72 Entries
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
NETWORK SEARCH ENGINE 64K x 72 Entries
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
Network Search Engine
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com