Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 11Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 12Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 13Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 14Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 15Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 16Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 17Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 18Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 15 of 153
4.0
Signals Description
Table 4-1 lists and describes all Ayama 10000 signals.
Table 4-1. Ayama™ 10000 Signal Description
Parameter
Type[2]
Description
Clocks and Reset
CLK_MODE
I
Clock Mode. Selects the clock source for the device. When set to Low, the device uses
both CLK2X and PHS_L for its clock sources. When pulled High (VDDQ_ASIC), the device
uses CLK1X for its clock source (PHS_L must be externally grounded).
CLK2X/CLK1X
I
Master Clock. CLK_MODE selects either the CLK2X or CLK1X as the clock input signal.
CLK1X
Input signals are sampled on both rising and falling edges.
Output signals can be driven on both falling and rising depending on the operation and
the device configuration.
CLK2X
Input signals are sampled on the rising edge.
Output signals are driven on the rising edge.
PHS_L
I
Phase. An input signal that must switch at half the frequency of CLK2X. This signal should
be pulled LOW when the device is in CLK1X mode. See Section 5.6, “Clocks,” on page 42.
RST_L
I
Reset. Driving RST_L LOW initializes the device to the default state. The device becomes
active stable 4 CLK1X (8 CLK2X) cycles after RST_L is driven High (90% threshold).
Configuration
CFG_L
I
Configuration. When CFG_L is set to Low, the device will tristate DQ[71:68].
ID[4:0]
I
Device Identification. The binary-encoded device identification for a depth-cascaded
system starts at “00000” and goes up to “11110”. “11111” is reserved as the broadcast
address which selects all NSEs in the cascade.
On a broadcast Read, only the device with the LDEV bit set to ‘1’ will respond.
Any ID bit that is to be set High must be connected to VDDQ_ASIC.
ASICSEL
I
ASIC IO Select. When this signal is pulled High (1.8V or 2.5V LVCMOS), the Command,
Data and Cascade buses will operate in LVCMOS mode. When tied to Low, the buses
will operate in HSTL mode.
Signals affected by ASICSEL selection:
Clocks: CLK2X/CLK1X, PHS_L, RST_L
Command and Data: CMD[10:0], CMDV, DQ[71:0], PAR[1:0], ACK, EOT, SSF, SSV,
MULTI_HIT
Cascade Interface: LHI[6:0], LHO[1:0], BHI[2:0], BHO[2:0], FULI[6:0], FULO[1:0], FULL
SRAMSEL
I
SRAM IO Select. When this signal is pulled High (1.8V or 2.5V LVCMOS), the SRAM
Interface will operate in LVCMOS mode. When tied to Low, the interface will operate in
HSTL mode.
Signals affected by SRAMSEL selection:
SADR[25:0], CE_L, WE_L, OE_L, ALE_L
HSVREF0
I
HSTL Reference Voltage. When ASICSEL is set to GND, this signal must be connected
to the HSTL reference voltage (VDDQ_ASIC/2). Otherwise, they should be left floating.
HSVREF1
I
HSTL Reference Voltage. Refer to HSVREF0 description.
PARERR_L[3]
O
Parity Error. This signal is updated when there is a Core parity error or DQ Bus parity
error. It is an Active-Low Open-Drain signal that requires an external pull-up resistor to
VDDQ_ASIC.
This signal is valid only after the device is fully initialized.
ASIC Interface / Command and Data Buses (LVCMOS or HSTL I/II)
CMD[10:0]
I
Command Bus. Bit[10:2] contains the command parameters and Bit[1:0] specifies the
command.
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com